Electronic Components Datasheet Search
  English  ▼

X  

MBRB2060CT Datasheet(PDF) 3 Page - Littelfuse

Part # MBRB2060CT
Description  Low forward voltage drop
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRB2060CT Datasheet(HTML) 3 Page - Littelfuse

  MBRB2060CT Datasheet HTML 1Page - Littelfuse MBRB2060CT Datasheet HTML 2Page - Littelfuse MBRB2060CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:01/20/16
MBRB2060CT 2x 10A, 60V,TO-263 Common Cathode
Dimensions-D2PAK(TO-263)
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
MBRB2060CT
MBRB2060CT
800pcs / reel
800
Part Numbering and Marking System
LF
MBRB2060CT
YYWWL
MBR
= Device Type
B
= Package type
20
=Forward Current (20A)
60
= Reverse Voltage (60V)
CT
= Configuration
LF
= Littelfuse
YY
= Year
WW
= Week
L
= Lot Number
Carrier Tape & Reel Specification
Symbol
Millimeters
Min
Max
A
10.70
10.90
B
16.03
16.23
C
5.11
5.31
d
ø1.45
ø1.65
E
1.65
1.85
F
11.40
11.60
P0
3.90
4.10
P
15.90
16.10
P1
1.90
2.10
W
23.90
24.30
Millimeters
Min
Max
A
4.06
4.83
A1
0.00
0.25
b
0.51
0.99
b1
1.14
1.78
c
0.31*
0.74
c1
1.14
1.65
D
8.38
9.65
D1
6.40*
-
E
9.65
10.67
E1
6.22
-
E2
9.65
10.67
e
2.54 BSC
H
14.60*
15.88
L
1.78
2.79
L1
-
1.68
L2
-
1.78
L3
0.254 BSC
Footnote *: The spec. does not comply with JEDEC spec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com