Electronic Components Datasheet Search
  English  ▼

X  

DG200AMIL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG200AMIL
Description  Monolithic Dual SPST CMOS Analog Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG200AMIL Datasheet(HTML) 3 Page - Vishay Siliconix

  DG200AMIL Datasheet HTML 1Page - Vishay Siliconix DG200AMIL Datasheet HTML 2Page - Vishay Siliconix DG200AMIL Datasheet HTML 3Page - Vishay Siliconix DG200AMIL Datasheet HTML 4Page - Vishay Siliconix DG200AMIL Datasheet HTML 5Page - Vishay Siliconix DG200AMIL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DG200A_MIL
Vishay Siliconix
Document Number: 70035
S-02314—Rev. E, 05-Oct-00
www.vishay.com
4-3
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
Limits
–55 to 125
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Minc
Typd
Maxc
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = "10 V, IS = –1 mA
Room
Full
45
70
100
W
Source Off
Leakage Current
IS(off)
VS = "14 V, VD = #14 V
Room
Full
–2
–100
"0.01
2
100
Drain Off
Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
–2
–100
"0.01
2
100
nA
Channel On
Leakage Currentf
ID(on)
VS = VD = "14 V
Room
Full
–2
–200
"0.1
2
200
Digital Control
Input Current with
VIN = 2.4 V
Room
Full
–0.5
–1
0.0009
Input Current with
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.005
0.5
1
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
–0.5
–1
–0.0015
Dynamic Characteristics
Turn-On Time
tON
Room
440
1000
Turn-Off Time
tOFF
See Switching Time Test Circuit
Room
340
425
ns
Charge Injection
Q
CL = 1000 pF, Vg = 0 V
Rg = 0 W
Room
–10
pC
Source-Off Capacitance
CS(off)
f = 140 kHz
VS = 0 V
Room
9
Drain-Off Capacitance
CD(off)
f = 140 kHz
VIN = 5 V
VD = 0 V
Room
9
pF
Channel-On Capacitance
CD(on) +
CS(On)
VD = VS = 0 V, VIN = 0 V
Room
25
pF
Off Isolation
OIRR
W
Room
75
Crosstalk
(Channel-to-Channel)
XTALK
VIN = 5 V, RL = 75 W
VS = 2 V, f = 1 MHz
Room
90
dB
Power Supplies
Positive Supply Current
I+
Both Channels On or Off
Room
0.8
2
Negative Supply Current
I–
Both Channels On or Off
VIN = 0 V and 2.4 V
Room
–1
–0.23
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
The algebraic convention whereby the most negative value is aminimum and the most positive a maximum, is used in this data sheet.
d.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com