Electronic Components Datasheet Search
  English  ▼

X  

DG201BMIL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG201BMIL
Description  Improved Quad CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201BMIL Datasheet(HTML) 2 Page - Vishay Siliconix

  DG201BMIL Datasheet HTML 1Page - Vishay Siliconix DG201BMIL Datasheet HTML 2Page - Vishay Siliconix DG201BMIL Datasheet HTML 3Page - Vishay Siliconix DG201BMIL Datasheet HTML 4Page - Vishay Siliconix DG201BMIL Datasheet HTML 5Page - Vishay Siliconix DG201BMIL Datasheet HTML 6Page - Vishay Siliconix DG201BMIL Datasheet HTML 7Page - Vishay Siliconix DG201BMIL Datasheet HTML 8Page - Vishay Siliconix DG201BMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DG201BMIL, DG202BMIL
www.vishay.com
Vishay Siliconix
S12-0631-Rev. A, 19-Mar-12
2
Document Number: 63374
For technical questions, contact: AnalogSwitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 12 mW/°C above 75 °C.
d. Derate 10 mW/°C above 75 °C.
SCHEMATIC DIAGRAM (typical channel)
Fig. 1
ORDERING INFORMATION (Hi-Rel)
PART
CONFIGURATION
TEMP. RANGE
PACKAGE
ORDERING PART
GENERIC
DSCC NUMBER
DG201B
SPST x 4, NC
- 55 °C to 125 °C
16-pin CerDIP
DG201BAK
DG201BAK
-
DG201BAK-E3
DG201BAK-E3
-
DG201BAK/883
DG201BAK/883
5962-8671604MEA
(Vishay qualified, DSCC
approval in progress)
LCC-20
DG201BAZ/883
DG201BAZ/883
5962-8671604M2A
(Vishay qualified, DSCC
approval in progress)
DG202B
SPST x 4, NO
- 55 °C to 125 °C
16-pin CerDIP
DG202BAK
DG202BAK
-
DG202BAK-E3
DG202BAK-E3
-
DG202BAK/883
DG202BAK/883
5962-8671605MEA
(Vishay qualified, DSCC
approval in progress)
LCC-20
DG202BAZ/883
DG202BAZ/883
5962-8671605M2A
(Vishay qualified, DSCC
approval in progress)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Voltages Referenced to V-
44
V
GND
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Current (any terminal)
30
mA
Peak Current, S or D (pulsed at 1 ms, 10 % duty cycle max.)
100
Storage Temperature
(A suffix)
- 65 to 150
°C
Power Dissipation (Package)b
16-pin CerDIPc
900
mW
LCC-20d
750
DX
SX
V+
INX
V-
Level
Shift/
GND
V+
V-
5 V
Reg
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com