Electronic Components Datasheet Search
  English  ▼

X  

MCS0402HP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCS0402HP
Description  High Power Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402HP Datasheet(HTML) 2 Page - Vishay Siliconix

  MCS0402HP Datasheet HTML 1Page - Vishay Siliconix MCS0402HP Datasheet HTML 2Page - Vishay Siliconix MCS0402HP Datasheet HTML 3Page - Vishay Siliconix MCS0402HP Datasheet HTML 4Page - Vishay Siliconix MCS0402HP Datasheet HTML 5Page - Vishay Siliconix MCS0402HP Datasheet HTML 6Page - Vishay Siliconix MCS0402HP Datasheet HTML 7Page - Vishay Siliconix MCS0402HP Datasheet HTML 8Page - Vishay Siliconix MCS0402HP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCS 0402 HP, MCT 0603 HP, MCU 0805 HP
www.vishay.com
Vishay Beyschlag
Revision: 13-Apr-17
2
Document Number: 28916
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
POWER
ADVANCED TEMPERATURE
P70
P85
Rated dissipation
MCS 0402 HP
0.200 W
0.200 W
MCT 0603 HP
0.250 W
0.250 W
MCU 0805 HP
0.400 W
0.400 W
Operating temperature range
-55 °C to 155 °C
-55 °C to 175 °C
Permissible film temperature,
F max.
155 °C
175 °C
Max. resistance change at rated
dissipation for resistance range,
|
R/R| after:
MCS 0402 HP
47
 to 100 k
47
 to 100 k
MCT 0603 HP
1
 to 100 k
1
 to 100 k
MCU 0805 HP
1
 to 100 k
1
 to 100 k
1000 h
 0.2 %
 0.3 %
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
MCS 0402 HP
± 50 ppm/K
± 1 %
47
 to 100 k
E24; E96
± 25 ppm/K
± 0.5 %
47
 to 100 k
E24; E192
± 0.1 %
47
 to 100 k
MCT 0603 HP
± 50 ppm/K
± 1 %
1
 to 100 k
E24; E96
± 25 ppm/K
± 0.5 %
10
 to 100 k
E24; E192
± 0.1 %
47
 to 100 k
MCU 0805 HP
± 50 ppm/K
± 1 %
1
 to 100 k
E24; E96
± 25 ppm/K
± 0.5 %
10
 to 100 k
E24; E192
± 0.1 %
47
 to 100 k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com