Electronic Components Datasheet Search
  English  ▼

X  

R.020080 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # R.020080
Description  RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

R.020080 Datasheet(HTML) 2 Page - Vishay Siliconix

  R.020080 Datasheet HTML 1Page - Vishay Siliconix R.020080 Datasheet HTML 2Page - Vishay Siliconix R.020080 Datasheet HTML 3Page - Vishay Siliconix R.020080 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R. 020080
www.vishay.com
Vishay Draloric
Revision: 04-Sep-15
2
Document Number: 22116
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•# 2nd digit: code letter of the terminal version A, B, C, E
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
R#020080BD600##BF1
R7
60
4.0
8.0
6.0
R#020080BD800##BF1
80
R#020080BD101##BF1
100
R#020080BD121##BF1
120
R#020080BD161##BF1
160
R#020080BD201##BH1
R42
200
10.5
R#020080BD251##BH1
250
R#020080BD301##BH1
300
R#020080BD401##BH1
400
R#020080BD501##BH1
500
R#020080BD601##BH1
600
R#020080BD801##BH1
800
R#020080BD102##BJ1
R85
1000
R#020080BD122##BJ1
1200
R#020080BD162##BJ1
1600
R#020080BD202##BJ1
2000
DIMENSIONS in millimeters (inches)
RA
6.0 x 0.4
(0.236 x 0.016)
RB
18 ± 1
(0.71 ± 0.04)
18 ± 1
(0.71 ± 0.04)
Ø 20
(0.79 Dia.)
Ø 25
(0.98 Dia.)
0.5
(0.020)
80 (3.15)
40 ± 1
(1.57 ± 0.04)
3.0 ± 0.2
(0.118 ± 0.008)
4.3 ± 0.2
(0.169 ± 0.008)
40
(1.57)
32.0 ± 0.3
(1.260 ± 0.012)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com