Electronic Components Datasheet Search
  English  ▼

X  

RGL41X Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RGL41X
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGL41X Datasheet(HTML) 2 Page - Vishay Siliconix

  RGL41X Datasheet HTML 1Page - Vishay Siliconix RGL41X Datasheet HTML 2Page - Vishay Siliconix RGL41X Datasheet HTML 3Page - Vishay Siliconix RGL41X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYM11-xxx, RGL41x
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-13
2
Document Number: 88547
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYM
11-50
BYM
11-100
BYM
11-200
BYM
11-400
BYM
11-600
BYM
11-800
BYM
11-1000
UNIT
Maximum
instantaneous
forward voltage
1.0 A
VF
1.3
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
500
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
11-50
BYM
11-100
BYM
11-200
BYM
11-400
BYM
11-600
BYM
11-800
BYM
11-1000
UNIT
Maximum thermal resistance
RJA (1)
75
°C/W
RJT (2)
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RGL41J-E3/96
0.114
96
1500
7" diameter plastic tape and reel
RGL41J-E3/97
0.114
97
5000
13" diameter plastic tape and reel
BYM11-600-E3/96
0.114
96
1500
7" diameter plastic tape and reel
BYM11-600-E3/97
0.114
97
5000
13" diameter plastic tape and reel
RGL41JHE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
RGL41JHE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
BYM11-600HE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
BYM11-600HE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
25
50
75
100
125
150
175
0
0.25
0.50
0.75
1.00
1.25
Terminal Temperature (°C)
Resistive or
Inductive Load
1
10
100
0
10
15
20
25
30
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com