Electronic Components Datasheet Search
  English  ▼

X  

EC3101C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # EC3101C
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3101C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  EC3101C Datasheet HTML 1Page - Sanyo Semicon Device EC3101C Datasheet HTML 2Page - Sanyo Semicon Device EC3101C Datasheet HTML 3Page - Sanyo Semicon Device EC3101C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EC3101C / EC3201C
No.6963-3/4
VCE(sat) -- IC
Ta=75
°C
--25°
C
IT03254
EC3201C
IC / IB=10
5
--0.1
2
3
2
3
5
7
--0.01
--0.001
--0.01
23
5
7
23
5
7
--0.1
2
5
0.1
2
3
2
3
5
7
0.01
0.001
0.01
23
5
7
23
5
7
0.1
2
VCE(sat) -- IC
IT03253
Ta=75
°C
EC3101C
IC / IB=10
Ta=75
°C
25
°C
--25
°C
1000
7
5
3
2
100
--0.1
--10
3
25 7
--1.0
3
25 7
3
25 7
2
--100
hFE -- IC
EC3101C
IT03251
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
0.1
10
3
25 7
3
25 7
1.0
3
25 7
2
100
hFE -- IC
EC3201C
IT03252
25°
C
--25
°C
25
°C
Cob -- VCB
5
3
2
1.0
7
52
3
5
7
7
--10
23
5
7 --100
--1.0
IT03255
EC3101C
f=1MHz
Cob -- VCB
7
1.0
2
3
5
1.0
23
5
57
7
10
23
5
7
100
IT03256
EC3201C
f=1MHz
EC3201C
VCE=6V
140
160
120
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.4
1.0
1.2
IC -- VBE
IT03250
EC3101C
VCE= --6V
--140
--160
--120
--100
--80
--60
--40
--20
0
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.0
--1.2
IC -- VBE
IT03249
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- mA
Collector Current, IC -- mA
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com