Electronic Components Datasheet Search
  English  ▼

X  

MN15-366 Datasheet(PDF) 2 Page - NIHON DEMPA KOGYO

Part # MN15-366
Description  Surface-mount Type 2 Pole MCF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

MN15-366 Datasheet(HTML) 2 Page - NIHON DEMPA KOGYO

  MN15-366 Datasheet HTML 1Page - NIHON DEMPA KOGYO MN15-366 Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
cf13_100512_ch4590_e
Crystal Filter
–10
–5
0
1
2
3
4
5
6
7
8
9
5
10
45MHz
(kHz)
Model : 45E15A
45MHz
(MHz)
–1.0 –0.8 –0.6 –0.4 –0.2 0
0.2 0.4 0.6 0.8
1.0
Model : 45E15A
10
20
30
40
50
60
70
80
90
45MHz
(kHz)
–25 –20 –15 –10
–5
0
1
2
3
4
5
6
7
8
9
5
10
15
20
25
Model : 45E30AN
45MHz
(MHz)
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4 0.6 0.8
1.0
Model : 45E30AN
10
20
30
40
50
60
70
80
90
90MHz
(kHz)
Model : 90E9A
–20 –16 –12
–8
–4
0
1
2
3
4
5
6
7
8
9
4
8
12
16
20
90MHz
(MHz)
Model : 90E9A
–1.0 –0.8 –0.6 –0.4 –0.2
0
10
20
30
40
50
60
70
80
90
0.2 0.4 0.6 0.8
1.0
■ Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com