Electronic Components Datasheet Search
  English  ▼

X  

ECG050B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ECG050B
Description  InGaP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG050B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ECG050B Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG050B Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG050B Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG050B Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG050B Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG050B Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG050B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
ECG050
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device S-Parameters – ECG050B / ECG050B-G
S-Parameters (Vdevice = +5 V, ICC = 70 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-24.67
-3.70
21.16
176.94
-23.25
0.44
-19.85
-5.11
500
-23.02
-46.71
20.62
148.95
-22.86
2.51
-17.88
-66.96
1000
-20.62
-90.90
19.55
121.77
-21.99
3.04
-15.13
-106.94
1500
-18.00
-120.26
18.33
98.78
-20.82
0.20
-12.53
-136.27
2000
-15.55
-154.19
17.43
77.57
-19.60
-6.65
-10.50
-164.08
2500
-13.31
173.42
16.53
55.93
-18.78
-15.98
-8.97
169.04
3000
-12.32
144.67
15.45
35.48
-18.21
-25.37
-7.94
142.85
3500
-10.81
116.58
14.33
15.84
-17.75
-35.05
-7.23
121.33
4000
-9.44
93.67
13.19
-3.31
-17.44
-45.26
-6.22
101.54
4500
-8.05
72.95
12.09
-20.87
-17.20
-55.51
-5.47
83.50
5000
-6.55
55.09
10.89
-38.22
-17.20
-66.45
-4.64
67.48
5500
-5.51
39.20
9.64
-54.94
-17.33
-76.61
-4.04
51.93
6000
-4.48
25.52
8.50
-70.62
-17.57
-87.04
-3.59
38.34
Typical Device S-Parameters – ECG050C
S-Parameters (Vdevice = +5, ICC = 70 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-20.98
1.45
20.66
176.82
-22.87
0.51
-17.49
-2.70
500
-20.20
-4.73
20.19
153.75
-22.67
4.30
-18.13
-31.56
1000
-19.34
-18.92
19.27
130.28
-22.24
8.25
-18.82
-58.47
1500
-18.54
-33.65
18.09
109.96
-21.62
10.86
-19.01
-89.85
2000
-18.87
-50.53
17.03
92.08
-20.77
12.09
-19.21
-122.43
2500
-19.47
-73.82
15.90
75.80
-19.95
11.53
-18.26
-148.97
3000
-20.32
-97.64
14.91
61.09
-19.08
9.94
-16.38
-175.04
3500
-21.04
-138.52
14.02
46.72
-18.29
6.69
-14.83
166.20
4000
-18.70
-173.90
13.20
32.70
-17.51
2.82
-12.69
150.06
4500
-16.20
159.57
12.38
19.24
-16.83
-2.20
-11.23
134.69
5000
-12.95
137.68
11.64
5.50
-16.30
-7.81
-9.78
122.17
5500
-10.83
123.87
10.80
-8.36
-15.88
-14.30
-8.58
108.98
6000
-8.87
110.42
9.99
-21.17
-15.56
-20.60
-7.59
97.93
Device S-parameters are available for download off of the website at: http://www.wj.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com