Electronic Components Datasheet Search
  English  ▼

X  

MMBAEXTMA Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # MMBAEXTMA
Description  Torus Magnetic Mount Base For Taoglas External Antennas
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MMBAEXTMA Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button MMBAEXTMA Datasheet HTML 2Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 3Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 4Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 5Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 6Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 7Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 8Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 9Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 10Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SPE-15-8-016/A/WY
Page 6 of 30
Each part comes ready assembled – ready for Installation. This magnetic base can be
easily adapted to suit customer requirements – customization may be subject to an
NRE and a MOQ, please contact your regional Taoglas Sales Office.
2. Specification
MECHANICAL
Dimension (mm)
Diameter : 178.7, Height : 56
Magnets
6 Magnets integrated in base
Material
ABS
Adapter
Ø16mm, Ø19mm, Ø21mm, Ø31mm, Fully Customizable
Magnetic Pull Force
20 kgF
Weight
560g
ENVIRONMENTAL RATINGS
Storage Temperature Range
-40°C to +85°C
Operation Temperature Range
-40°C to +85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com