Electronic Components Datasheet Search
  English  ▼

X  

PA11 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PA11
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA11 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PA11 Datasheet HTML 1Page - Taoglas antenna solutions PA11 Datasheet HTML 2Page - Taoglas antenna solutions PA11 Datasheet HTML 3Page - Taoglas antenna solutions PA11 Datasheet HTML 4Page - Taoglas antenna solutions PA11 Datasheet HTML 5Page - Taoglas antenna solutions PA11 Datasheet HTML 6Page - Taoglas antenna solutions PA11 Datasheet HTML 7Page - Taoglas antenna solutions PA11 Datasheet HTML 8Page - Taoglas antenna solutions PA11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SPE-11-8-091/C Page 3 of 19
peak gain due to the effects of GND plane, surrounding components, and
device housing. If you want to be absolutely sure, contact Taoglas and we
will test. Choosing a Taoglas antenna with a higher peak gain than what is
specified by the module manufacturer and enlisting our help will ensure
you are getting the best performance possible without exceeding the peak
gain limits.
2. Electrical Specifications
The antenna has the electrical characteristics given in Table 1 under
the Taoglas standard installation conditions as shown in the
Evaluation Board. figure.
No.
Parameter
Specification
1
Working Frequency
2400MHz ~ 2484MHz
2
Dimensions
10*4*3mm
3
Peak Gain
1.5 dBi max
4
Polarization
Linear
5
Impedance
50 Ω
6
VSWR
2.0 max
7
Operating Temperature
-40~+85°C
8
Termination
Ag(Environmentally Friendly Lead-
Free)
* Data is measured on Taoglas Standard Reference PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com