Electronic Components Datasheet Search
  English  ▼

X  

ERC01F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ERC01F
Description  GENERAL USE RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ERC01F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ERC01F Datasheet HTML 1Page - List of Unclassifed Manufacturers ERC01F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ERC01(F) (1.8A)
(200V to 400V / 1.8A )
GENERAL USE RECTIFIER DIODE
Outline drawings, mm
Features
Large current
High reliability
Applications
General purpose rectifier applications
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Average forward current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
IF(AV)
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
130
-40 to +140
-40 to +140
Unit
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Symbol
VFM
IRRM
Conditions
Tj=25°C IFM=4.0A
Tj=25°C VR=VRRM
Max.
1.1
10
Unit
V
µA
Resistive load Ta=40°C
Marking
Voltage class
Lot No.
Cathode mark
Color code : White
Rating
200
400
-02F
-04F
1.8(3.0*)
7.5
30 MIN.
30 MIN.
ø 6.4
ø 1.2
* With cooling Cu fin both lead (1t x 20 x 20)


Similar Part No. - ERC01F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC01F FUJI-ERC01F Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
More results

Similar Description - ERC01F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERA17 FUJI-ERA17 Datasheet
38Kb / 2P
GENERAL USE RECTIFIER DIODE
ERB12 FUJI-ERB12 Datasheet
63Kb / 4P
GENERAL USE RECTIFIER DIODE
ERC01F FUJI-ERC01F Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC12 FUJI-ERC12 Datasheet
9Kb / 1P
GENERAL USE RECTIFIER DIODE
ERC13 FUJI-ERC13 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERD03 FUJI-ERD03 Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
logo
Hitachi Semiconductor
DSM1D HITACHI-DSM1D Datasheet
60Kb / 3P
GENERAL-USE RECTIFIER DIODE
DSA3A HITACHI-DSA3A Datasheet
52Kb / 3P
GENERAL-USE RECTIFIER DIODE
DSM3MA HITACHI-DSM3MA Datasheet
42Kb / 3P
GENERAL-USE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com