Electronic Components Datasheet Search
  English  ▼

X  

MBRF30150CT Datasheet(PDF) 1 Page - Littelfuse

Part # MBRF30150CT
Description  Polarity protection diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRF30150CT Datasheet(HTML) 1 Page - Littelfuse

  MBRF30150CT Datasheet HTML 1Page - Littelfuse MBRF30150CT Datasheet HTML 2Page - Littelfuse MBRF30150CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:11/09/15
MBRF30150CT, 2x 15A, 150V, ITO-220AB, Common Cathode
MBRF30150CT
Maximum Ratings
Parameters
Symbol
Test Conditions
Max
Unit
Peak Inverse Voltage
V
RWM
-
150
V
Average Forward Current
I
F(AV)
50% duty cycle @T
C = 133°C,
rectangular wave form
15 (per leg)
A
30 (total device)
Peak Repetitive Forward Current(per leg)
I
FRM
Rated V
R square wave, 20KHz TC = 133°C
20
A
Peak One Cycle Non-Repetitive Surge
Current (per leg)
I
FSM
Surge applied at rated load conditions
halfwave, single phase,60Hz
150
A
Pin out
RoHS Pb
Electrical Characteristics
Parameters
Symbol
Test Conditions
Max
Unit
Forward Voltage Drop (per leg) *
V
F1
@ 15A, Pulse, T
J = 25 °C
1.00
V
V
F2
@ 15A, Pulse, T
J = 125 °C
0.80
Reverse Current (per leg) *
I
R1
@V
R = rated VR TJ = 25 °C
1.0
mA
I
R2
@V
R = rated VR TJ = 125 °C
6.0
Junction Capacitance (per leg)
C
T
@V
R = 5V, TC = 25 °C fSIG = 1MHz
400
pF
Series Inductance (per leg)
L
S
Measured lead to lead 5 mm from package body
8.0
nH
Voltage Rate of Change
dv/dt
10,000
V/μs
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
T
A = 25 °C)
V
ISO
Clip mounting, the epoxy body away from the
heatsink edge by more than 0.110” along the
lead direction.
4500
V
Clip mounting, the epoxy body is inside the
heatsink.
3500
Screw mounting, the epoxy body is inside the
heatsink.
1500
* Pulse Width < 300μs, Duty Cycle <2%
Description
Applications
Littelfuse MBR series Schottky Barrier Rectifier is
designed to meet the general requirements of commercial
applications by providing high temperature, low leakage
and low V
F products.
It is suitable for high frequency switching mode power
supply, free-wheeling diodes and polarity protection
diodes.
• Switching mode power
supply
• Free-wheeling diodes
• DC/DC converters
• Polarity protection diodes
Features
• High junction
temperature capability
• Guard ring for enhanced
ruggedness and long
term reliability
• Low forward voltage drop
• High frequency operation
• Common cathode
configuration in
electrically isolated ITO-
220AB package
Pinout 1
D2-PAK & D-PAK
Common Cathode
Pinout 2
TO-220AB
Common Cathode
Pinout 3
ITO-220AB
Common Cathode
Pinout 4
ITO-220AB
Common Anode
Heat sink
Common
Cathode
1
3
Heat sink
1
3
2
1
3
2
Cathode
Cathode
1
3
2
Common
Anode
Common
Cathode
Common
Cathode
Anode
Anode
Anode
Anode
Anode
Anode
Common
Cathode
Heat sink
1
2
Pinout 5
TO-220AC
Cathode
Cathode
Anode


Similar Part No. - MBRF30150CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBRF30150CT GOOD-ARK-MBRF30150CT Datasheet
200Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF30150CT TSC-MBRF30150CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
MBRF30150CT TSC-MBRF30150CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF30150CT SMC-MBRF30150CT Datasheet
293Kb / 7P
SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF30150CT TSC-MBRF30150CT Datasheet
231Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRF30150CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1703 TI-TCM1703 Datasheet
30Kb / 1P
TCM1703 POLARITY PROTECTION BRIDGE
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
BCD Semiconductor Manuf...
APD360 BCDSEMI-APD360_11 Datasheet
295Kb / 10P
SCHOTTKY BARRIER RECTIFIER Polarity Protection
logo
Thinki Semiconductor Co...
FMU-22U THINKISEMI-FMU-22U Datasheet
567Kb / 2P
Doubler Polarity Ultrafast Recovery Rectifier Diodes
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
Reverse polarity protection
logo
Texas Instruments
LM74500-Q1 TI-LM74500-Q1 Datasheet
1Mb / 29P
LM74500-Q1 Reverse Polarity Protection Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com