Electronic Components Datasheet Search
  English  ▼

X  

FPD80200 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD80200
Description  LCD TV TFT-LCD Timing Controller with PPDS??Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD80200 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD80200 Datasheet HTML 1Page - National Semiconductor (TI) FPD80200 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD80200
LCD TV TFT-LCD Timing Controller with PPDS™
Interface
General Description
The FPD80200 timing controllers (TCONs) are designed to
meet the needs of today’s advanced LCD TV applications.
The FPD80200 supports both WXGA (1280 x 768) and
WXGA+ (1366 x 768) resolutions with true 8-bit color (16.7
million colors).
When combined with the FPD48084 column driver, the
FPD80200 provides true independent gamma curves for the
red, green, and blue subpixels through internal lookup tables
(LUTs). The FPD80200 also uses an advanced Response
Time Compensation algorithm to improve the motion video
performance of the LCD panel.
The FPD80200 TCONs incorporate National’s PPDS™ inter-
face (Point to Point Differential Signaling) that enables ad-
vanced features, independent column driver control, large
panel sizes, and lower overall system cost.
Panel timing and control parameters can be programmed
into an internal ROM for production or changed using and
external EEPROM for initial product development.
Features
n
Targeted at WXGA (1280x768) and HDTV (1366x768)
applications for LCD TV
n
Differential point-to-point interface to column drivers
n
10-bit resolution LUT for digital independent gamma
support
n
Response time compensation support (8-8-8) includes
external DDR memory interface
n
Single FPD-Link™ input bus for high speed, low EMI
n
90 MHz input clock rate
n
Operating Supply Range: V
cc = 2.25 to 2.75V
n
Optional 3.3V Outputs to support Row Driver
compatibility
n
Optional EEPROM programming allows finetuning in
development and production environments. (24LC64 or
equivalent)
n
EDID version 1.3 and 2.0 supported with the optional
EEPROM.
n
Internal pattern generation for panel self-test
n
Supports data configuration for 384 or 414 output
column drivers
n
144-pin LQFP package
20108801
ADVANCE INFORMATION
May 2004
© 2004 National Semiconductor Corporation
DS201088
www.national.com


Similar Part No. - FPD80200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
More results

Similar Description - FPD80200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
TFT-LCD Timing Controller
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
FPD87352 TI1-FPD87352 Datasheet
123Kb / 6P
TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
TFT-LCD Timing Controller
logo
Fitipower Integrated Te...
EK6709 FITIPOWER-EK6709 Datasheet
325Kb / 11P
TFT LCD Timing Controller
Rev.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com