Electronic Components Datasheet Search
  English  ▼

X  

FPD87208 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button FPD87208 Datasheet HTML 8Page - National Semiconductor (TI) FPD87208 Datasheet HTML 9Page - National Semiconductor (TI) FPD87208 Datasheet HTML 10Page - National Semiconductor (TI) FPD87208 Datasheet HTML 11Page - National Semiconductor (TI) FPD87208 Datasheet HTML 12Page - National Semiconductor (TI) FPD87208 Datasheet HTML 13Page - National Semiconductor (TI) FPD87208 Datasheet HTML 14Page - National Semiconductor (TI) FPD87208 Datasheet HTML 15Page - National Semiconductor (TI) FPD87208 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 2.5V ±0.25V, IPI = 100 µA (Unless otherwise specified) (Continued)
Input Signal Timing—Reference Only
Signal
Item
Symbol
XGA
(1024 x 768)
WXGA1
(1280 x 768)
WXGA2
(1280 x 800)
WXGA3
(1280 x 854)
Unit
Clock Frequency
1/Tclk
F
Typ
65
82
68
69
MHz
Vertical Timing
Total
Tv
Min
774
774
806
860
Th
Typ
806
806
816
880
Max
1024
1024
1024
1024
Active
Tvact
Min
----
Typ
768
768
800
854
Max
----
Horizontal Timing
Total
Th
Min
1078
1334
1334
1334
Tclk
Typ
1344
1688
1408
1408
Max
2047
2047
2047
2047
Active
Thact
Min
100
100
100
100
Typ
1024
1280
1280
1280
Max
----
Output Timing—TTL
Display Resolution Selection Control
DTM1
DTM0
Display Mode
Resolution
0
0
WXGA1
1280 x 768
0
1
WXGA2
1280 x 800
1
0
XGA
1024 x 768
1
1
WXGA3
1280 x 854
TTL Timing Selection Control: RO[2:0]
XGA
RO[2:0]
000
001
010
011
100
101
110
111
Unit
T1
2222222
T
CLK
T2
1111111
T
CLK
T3
1030
1030
1030
1030
1030
1030
1030
T
CLK
T4
16
24
16
24
32
48
42
T
CLK
T5
912
960
960
912
842
912
802
T
CLK
T5'
782
830
830
782
712
782
672
T
CLK
T6
200
160
160
130
220
220
260
T
CLK
T6'
130
130
130
130
130
130
130
T
CLK
T7
1038
1056
1056
976
874
976
834
T
CLK
T8
650
650
650
650
680
680
725
T
CLK
T9
348
348
348
348
348
348
348
T
CLK
T10
1111111
HLINE
T11
348
348
348
348
348
348
348
T
CLK
T12
1111111
HLINE
T13*
567
567
567
567
567
567
567
T
CLK
T14*
2222222
HLINE
*Timing based on first occurrence of STH.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com