Electronic Components Datasheet Search
  English  ▼

X  

BPF5801 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # BPF5801
Description  Airvu 5.8 GHz Band Pass Filter For UAV/Drone Antennas
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

BPF5801 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  BPF5801 Datasheet HTML 1Page - Taoglas antenna solutions BPF5801 Datasheet HTML 2Page - Taoglas antenna solutions BPF5801 Datasheet HTML 3Page - Taoglas antenna solutions BPF5801 Datasheet HTML 4Page - Taoglas antenna solutions BPF5801 Datasheet HTML 5Page - Taoglas antenna solutions BPF5801 Datasheet HTML 6Page - Taoglas antenna solutions BPF5801 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPE-15-8-039/A/IC
Page 3 of 7
2. Specification Table
ELECTRICAL
Pass Band Frequency
5480-5850 MHz
Pass Band Width
70 MHz
Input / Output Impedance
50 Ohm
Max. Input Power
10W
Pass Band Insertion Loss (0ºC~70 ºC)
2.1 dB or less
Pass Band Ripple
1.5 dB or less
Pass Band Return Loss
10 dB or more
Stop-Band
Attenuation
at 5150~5340 MHz
17 dB or more
at 7500~7700 MHz
25 dB or more
ELECTRICAL
Connector type
RP-SMA(M) & RP-SMA(F)
Weight
8.865g
Dimensions
35*10mm
ENVIRONMENTAL
Operating Temperature
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com