Electronic Components Datasheet Search
  English  ▼

X  

FW45BSMAM Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FW45BSMAM
Description  Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW45BSMAM Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FW45BSMAM Datasheet HTML 1Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 2Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 3Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 4Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 5Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 6Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 7Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 8Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SP-15-8 SPE-16-8-005/C/WY
Page 3 of 13
2. Specification
CDMA450 450-470MHz
Center Frequency
450-470 MHz
Design Environment
On 30x30cm ground
Efficiency
73.66 %
Peak Gain
1.10 dBi
Return loss
< -10 dB
VSWR
≤ 2:1
Impedance
50 Ω
Polarization
Linear
Radiation Pattern
Omnidirectional
Input Power
2 W
MECHANICAL
Dimensions
Length 290 ± 9 mm
Base Diameter
16 ± 0.6 mm
Whip Diameter
6.2 ± 0.6 mm
Casing
ABS
Connector
SMA Type(M) Straight
Weight
63.5 g
Dust and Water
Resistance
IP65
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com