Electronic Components Datasheet Search
  English  ▼

X  

FW81SMAM Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW81SMAM
Description  Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW81SMAM Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW81SMAM Datasheet HTML 1Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 2Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 3Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 4Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 5Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPE-12-8-034/C/PK
Page 2 of 6
1.Introduction
The Meteor FW.81 is a 0dBi 135MHz ISM band 1/4 wavelength monopole
flexible whip antenna with omni-directional pattern optimized in the azimuth
for wide coverage range in typical 135MHz applications such as Wireless M-Bus
metering. It is also used in remote asset monitoring applications, alarms,
paging systems and private mobile radio services.
The Meteor has a IP67 housing. The antenna like all low frequency monopole
antennas needs to be mounted to a metal plate to radiate.
For a waterproof integration to a metal box a waterproof panel mount SMA
connector or cable assembly can be provided. TNC and N-type antenna
versions are also available.
This whip is made up of a flexible inner steel core covered by TPU so extremely
resistant to collisions and maintaining its original shape and RF performance.
Customized frequency and gain versions can be supplied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com