Electronic Components Datasheet Search
  English  ▼

X  

FW95BSMAM Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW95BSMAM
Description  Meteor ISM Band 915Mhz Flexible Whip Monopole Antenna SMA(M) Straight
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW95BSMAM Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW95BSMAM Datasheet HTML 1Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 2Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 3Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 4Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 5Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 6Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 7Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 8Page - Taoglas antenna solutions FW95BSMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP-15- SP-15-8- SPE-16-8-007/A/WY
Page 2 of 12
1. Introduction
The FW.95 is a flexible 915MHz whip antenna with a SMA type (M) connector for
outdoor use. It features excellent efficiency (>60%) and high peak gain (>2.71
dBi) at 915MHz on a 30x30 cm ground plane.
The antenna was developed for monitoring systems, such as weather monitoring,
motion / vibration sensors, and pollutants monitoring.
The FW.95 has an excellent omni-directional radiation pattern, ensuring wide
coverage. The antennas high efficiency means that it allows your radio to
consume less power than with a lower efficiency antenna when transferring data.
It also means a better signal strength and better sensitivity in areas of low signal
levels. The antenna performs at its best while attached to a ground plane with
dimensions of at least 30x30 cm. For an environment where there is no
ground-plane available we recommend to use the terminal mount antenna the
TI.19 or the outdoor fiberglass omni antenna the OMB.915.
The FW.95 whip is made of a flexible inner steel core covered by PE so it is
extremely resistant to abrasion and maintains its original shape and RF
performance even after shock. This rugged design and IP67 rating on the housing
ensure high reliability.
This antenna comes with SMA(M) connector as standard. Other custom variants
can be provided subject to NRE and MOQ. Contact your regional Taoglas office for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com