Electronic Components Datasheet Search
  English  ▼

X  

ILA09 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # ILA09
Description  ISM 915MHz Chip Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA09 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  ILA09 Datasheet HTML 1Page - Taoglas antenna solutions ILA09 Datasheet HTML 2Page - Taoglas antenna solutions ILA09 Datasheet HTML 3Page - Taoglas antenna solutions ILA09 Datasheet HTML 4Page - Taoglas antenna solutions ILA09 Datasheet HTML 5Page - Taoglas antenna solutions ILA09 Datasheet HTML 6Page - Taoglas antenna solutions ILA09 Datasheet HTML 7Page - Taoglas antenna solutions ILA09 Datasheet HTML 8Page - Taoglas antenna solutions ILA09 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DSP-15-8- SPE-16-08-051/A/WY
Page 1 of 18
SPECIFICATION
Part No.
:
ILA.09
Description
: ISM 915MHz Chip Antenna
for ISM / LoRa / LPWAN / Sigfox
Features
: 5.0mm *3.0mm * 0.5mm
High Efficiency
Omni-Directional
Low Profile
Compact Size
Surface-Mount
RoHS Compliant


Similar Part No. - ILA09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA01 ETC2-ILA01 Datasheet
779Kb / 12P
Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA01 TAOGLAS-ILA01 Datasheet
976Kb / 12P
Low Profile and High Efficiency 915 MHz ISM Band Loop Antenna
logo
List of Unclassifed Man...
ILA02 ETC2-ILA02 Datasheet
642Kb / 11P
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA02 TAOGLAS-ILA02 Datasheet
986Kb / 12P
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Infineon Technologies A...
ILA03N60 INFINEON-ILA03N60 Datasheet
330Kb / 15P
LightMOS Power Transistor
Rev. 1.2 Apr-04
More results

Similar Description - ILA09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
915MHz ISM Band Flex Circuit Antenna
logo
Taoglas antenna solutio...
FXP290070100A TAOGLAS-FXP290070100A Datasheet
451Kb / 9P
915MHz ISM Band Flex Circuit Antenna
logo
Molex Electronics Ltd.
2081420001 MOLEX-2081420001 Datasheet
43Kb / 1P
ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
logo
TE Connectivity Ltd
C-2118898 TEC-C-2118898 Datasheet
157Kb / 1P
ISM ANTENNA 915MHZ AND 2.4GHZ
logo
Pulse A Technitrol Comp...
W3312XXXXXX PULSE-W3312XXXXXX Datasheet
952Kb / 12P
ISM 868/915MHz PCB Antenna with coax feed
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
868MHz-915MHz ISM band antenna
REV A
MEA-915-SM-LP MAXTENA-MEA-915-SM-LP Datasheet
2Mb / 3P
External 915MHz ISM Screw Mount antenna
REV A
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
External 915MHz ISM Band Antenna
REV A
logo
Molex Electronics Ltd.
PS-105262-001 MOLEX-PS-105262-001 Datasheet
171Kb / 7P
868/915MHz ISM Standalone Antenna (79 mm * 10 mm)
2014-02-24
2081420001 MOLEX-2081420001_V01 Datasheet
43Kb / 1P
ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
12/15/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com