Electronic Components Datasheet Search
  English  ▼

X  

TCP02TR01 Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # TCP02TR01
Description  5.8GHz Omega Antenna Set - 5800MHz 3dBic 2* External WIFI Drone Antennas (Tx and Rx)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TCP02TR01 Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button TCP02TR01 Datasheet HTML 7Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 8Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 9Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 10Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 11Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 12Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 13Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 14Page - Taoglas antenna solutions TCP02TR01 Datasheet HTML 15Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SPE-15-8-023/A/WY Page 13 of 15
5. Mechanical Drawing
TCP.02 TX & RX Antennas are the same dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com