Electronic Components Datasheet Search
  English  ▼

X  

G8ND2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G8ND2
Description  Ultra-Miniature Automotive Dual PCB Relay G8ND2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G8ND2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G8ND2 Datasheet HTML 1Page - List of Unclassifed Manufacturers G8ND2 Datasheet HTML 2Page - List of Unclassifed Manufacturers G8ND2 Datasheet HTML 3Page - List of Unclassifed Manufacturers G8ND2 Datasheet HTML 4Page - List of Unclassifed Manufacturers G8ND2 Datasheet HTML 5Page - List of Unclassifed Manufacturers G8ND2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G8ND2
G8ND2
VIBRATION RESISTANCE CHARACTERISTICS
s
Test condition
Frequency: 10Hz-500Hz-10Hz
Acceleration: 45m/s2
Direction of vibration: see right diagram
Detection level: Contacts must not open 1ms or longer
N.O.&N.C. Contacts must not open 1ms longer
SHOCK RESISTANCE CHARACTERISTICS
s
Test condition
Shock application time: 11ms, half-sine wave
Shock direction: see right diagram
Detection level: Contacts must not open 1ms or longer
Z1
Y2
X1
Z2
Y1
X2
N.C. Contact
N.O. Contact
Z
Y
X
Y
X
Z
Z1
Y2
X1
Y1
X2
Z2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com