Electronic Components Datasheet Search
  English  ▼

X  

G8SN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G8SN
Description  SubMiniature Automotive PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G8SN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G8SN Datasheet HTML 1Page - List of Unclassifed Manufacturers G8SN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sub–Miniature Automotive PCB Relay
G8SN
Sub–Miniature Automotive PCB Relay
General purpose automotive PCB relay.
Compact size.
Fully sealed construction.
Fully automated process.
Available Types
Type
Contact form
Recommended loads
G8SN–1C7–CUK 12DC (320
Ω)
SPDT
Motor, Resistive
G8SN–1C4–CU 12DC (210
Ω)
SPDT
Lamp, Capacitive
Contact Data
Continuous carry current (max.)
10A
Inrush current (L/R=7ms; 15ms max.)
30A
Contact value drop (Initial value)
100m
Ω
Ratings/Specifications
Rated voltage
12 VDC
Operating voltage (max.)
16 VDC
Coil resistance
320
Ω
210
Ω
Pull in voltage
(ld t
t)
at +20
°C (max.)
7.3 VDC
6.5 VDC
(cold start)
at +80
°C (max.)
9.0 VDC
8.0 VDC
Drop–out voltage at +20
°C (min.)
1.0 VDC
0.9 VDC
Max. Continuous carry current flow time
(16 VDC at 80
°C max.)
Unlimited
15min.
Operate time (max.)
10 ms
Release time (max.)
5 ms
Operating ambient temperature
–40
°C to +85°C
Mechanical life (min.)
10,000,000 cycles (at frequency of 18,000 operations/hour)
Electrical life (resistive load) (min.)
100,000 cycles (14V; Continuous carry current)
Weight
13g


Similar Part No. - G8SN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8SN OMRON-G8SN Datasheet
185Kb / 3P
Sub-Miniature PCB Relay
More results

Similar Description - G8SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC236A PICKER-PC236A Datasheet
178Kb / 2P
Subminiature Automotive PCB Power Relay
PC635 PICKER-PC635 Datasheet
187Kb / 2P
Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4508 DBLECTRO-HG4508 Datasheet
53Kb / 2P
Automotive Subminiature PCB Twin Relay
HG4519 DBLECTRO-HG4519 Datasheet
51Kb / 2P
Automotive Subminiature PCB Twin Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
Subminiature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com