Electronic Components Datasheet Search
  English  ▼

X  

G526 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G526
Description  Dual USB High-Side Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G526 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G526 Datasheet HTML 1Page - List of Unclassifed Manufacturers G526 Datasheet HTML 2Page - List of Unclassifed Manufacturers G526 Datasheet HTML 3Page - List of Unclassifed Manufacturers G526 Datasheet HTML 4Page - List of Unclassifed Manufacturers G526 Datasheet HTML 5Page - List of Unclassifed Manufacturers G526 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ver 1.0
Dec 26, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G526
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Supply Voltage (VIN)..…………………..………….+6.0V
Fault Flag Voltage (VFLG)..………………………..+6.0V
Fault flag current (IFLG)..……….………………….50mA
Output Voltage (VOUT)..…….……………..….…..+6.0V
Output Current (IOUT)………………...Internally Limited
Control Input (VEN).…………………….……-0.3V to 6V
Storage Temperature (TS)…………….-65°C to +150°C
Lead Temperature (Soldering 5 sec.)……..…..…260°C
ESD protection…………………………………..……2KV
Operating Ratings
Supply Voltage (VIN).……………………...+3V to +5.5V
Ambient Operating Temperature (TA)…-40°C to +85°C
Thermal Resistance
SOIC (
θJA)………………….……………….160°C/W
Electrical Characteristics(V
IN=+5V; TA=25
°°°°C; unless noted.)
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Note *, switch off, OUT = open
25
µA
Supply Current
Note *, switch on, OUT = open
110
µA
low to high transition
2.4
2.5
V
Enable Input Threshold
high to low transition, Note *
1.0
2.2
V
VEN = VOH(min) = 2.4V
0.01
1
µA
Enable Input Current
VEN = VOL(max) = 0.8V
0.01
1
µA
Enable Input Capacitance
1
pF
VIN = 5V
100
m
Ω
Switch Resistance
VIN = 3V
140
m
Ω
Output Turn-On Delay
RL = 10
Ω each output
1
ms
Output Turn-On Rise Time
RL = 10
Ω each output
0.5
ms
Output Turn-Off Delay
RL = 10
Ω each output
1
20
µs
Output Turn-Off Fall Time
RL = 10
Ω each output
1
20
µs
Output Leakage Current
each output
10
µA
Short Circuit Current Limit
each output
0.5
0.75
1.25
A
TJ increasing
135
°C
Overtemperature shutdown
Threshold
TJ decreasing
125
°C
VIN = 5V, IL=10mA
10
Ω
Error Flag Output Resistance
VIN = 3.3V, IL =10mA
15
Ω
Error Flag Off Current
VFLAG = 5V
0.01
1
µA
VIN = increasing
2.5
V
UVLO Threshold
VIN = decreasing
2.3
V
General Note: Devices are ESD protected, however, handling precautions recommended.
Note *: Off is
≤ 1.0 and on is ≥2.4V for the G526-1. Off is ≥ 2.4V and on is ≤ 1.0V for the G526-2. The enable input
has approximately 200mV of hysteresis. See control threshold charts.
Pin Description
PIN NUMBER
PIN NAME
PIN FUNCTION
1/4
EN(A/B)
Enable (input): Logic-compatible enable input. High input >2.1V typical.
Low input <1.9V typical (-1 active high, -2 active low). Do not float.
2/3
FLG(A/B)
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent, UVLO, and
thermal shutdown.
6
GND
Ground: Supply return.
7
IN
Supply Input: Output MOSFET source. Also supplies IC's internal circuitry. Connect to
positive supply.
8/5
OUT(A/B)
Switch Output: Output MOSFET drain. Typically connect to switched side of load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com