Electronic Components Datasheet Search
  English  ▼

X  

V40PWM10C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V40PWM10C
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V40PWM10C Datasheet(HTML) 2 Page - Vishay Siliconix

  V40PWM10C Datasheet HTML 1Page - Vishay Siliconix V40PWM10C Datasheet HTML 2Page - Vishay Siliconix V40PWM10C Datasheet HTML 3Page - Vishay Siliconix V40PWM10C Datasheet HTML 4Page - Vishay Siliconix V40PWM10C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V40PWM10C
www.vishay.com
Vishay General Semiconductor
Revision: 01-Jun-17
2
Document Number: 87504
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 5 ms
Notes
(1) The heat generated must be less than thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
(2) Free air, mounted on recommended copper pad area; thermal resistance RθJA - junction to ambient
(3) Mounted on infinite heat sink; thermal resistance RθJM - junction-to-mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5.0 A
TA = 25 °C
VF (1)
0.54
-
V
IF = 10 A
0.64
-
IF = 20 A
0.81
0.89
IF = 5.0 A
TA = 125 °C
0.46
-
IF = 10 A
0.57
-
IF = 20 A
0.68
0.76
Reverse current per diode
VR = 70 V
TA = 25 °C
IR (2)
0.01
-
mA
TA = 125 °C
3.5
-
VR = 100 V
TA = 25 °C
-
0.4
TA = 125 °C
7
21
Typical junction capacitance
4.0 V, 1 MHz
CJ
1500
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V40PWM10C
UNIT
Typical thermal resistance
RθJA
(1)(2)
55
°C/W
RθJM
(3)
1.5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V40PWM10C-M3/I
0.20
I
4500
13" diameter plastic tape and reel
V40PWM10CHM3/I (1)
0.20
I
4500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com