Electronic Components Datasheet Search
  English  ▼

X  

G751 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # G751
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G751 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button G751 Datasheet HTML 2Page - List of Unclassifed Manufacturers G751 Datasheet HTML 3Page - List of Unclassifed Manufacturers G751 Datasheet HTML 4Page - List of Unclassifed Manufacturers G751 Datasheet HTML 5Page - List of Unclassifed Manufacturers G751 Datasheet HTML 6Page - List of Unclassifed Manufacturers G751 Datasheet HTML 7Page - List of Unclassifed Manufacturers G751 Datasheet HTML 8Page - List of Unclassifed Manufacturers G751 Datasheet HTML 9Page - List of Unclassifed Manufacturers G751 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ver: 2.2
Nov 07 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G751
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
B
0.33
-----
0.51
0.013
-----
0.020
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
3.80
-----
4.00
0.150
-----
0.157
e
-----
1.27
-----
-----
0.050
-----
H
5.80
-----
6.20
0.228
-----
0.244
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
0º
-----
8º
0º
-----
8º
Taping Specification
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
Feed Direction
Typical SOP Package Orientation
Feed Direction
Typical SOP Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com