Electronic Components Datasheet Search
  English  ▼

X  

G570SA Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G570SA
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570SA Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G570SA Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 9Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 10Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 11Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 12Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 13Page - Global Mixed-mode Technology Inc G570SA Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G570
Global Mixed-mode Technology Inc.
G570 control logic
AVPP
CONTROL SIGNALS
INTERNAL SWITCH SETTING
OUTPUT
D8 SHDN
D0 A_VPP_PGM
D1 A_VPP_VCC
S7
S8
S9
VAVPP
1
0
0
CLOSED
OPEN
OPEN
0V
1
0
1
OPEN
CLOSED
OPEN
VCC*
1
1
0
OPEN
OPEN
CLOSED
VPP(12 V)
1
1
1
OPEN
OPEN
OPEN
Hi-Z
0
×
×
OPEN
OPEN
OPEN
Hi-Z
BVPP
CONTROL SIGNALS
INTERNAL SWITCH SETTING
OUTPUT
D8 SHDN
D4 B_VPP_PGM
D5 B_VPP_VCC
S10
S11
S12
VBVPP
1
0
0
CLOSED
OPEN
OPEN
0V
1
0
1
OPEN
CLOSED
OPEN
VCC**
1
1
0
OPEN
OPEN
CLOSED
VPP(12V)
1
1
1
OPEN
OPEN
OPEN
Hi-Z
0
×
×
OPEN
OPEN
OPEN
Hi-Z
AVCC
CONTROL SIGNALS
INTERNAL SWITCH SETTING
OUTPUT
D8 SHDN
D3
3
BCC
_
A
D2
5
VCC
_
A
S1
S2
S3
VAVCC
1
0
0
CLOSED
OPEN
OPEN
0V
1
0
1
OPEN
CLOSED
OPEN
3.3V
1
1
0
OPEN
OPEN
CLOSED
5V
1
1
1
CLOSED
OPEN
OPEN
0V
0
×
×
OPEN
OPEN
OPEN
Hi-Z
BVCC
CONTROL SIGNALS
INTERNAL SWITCH SETTING
OUTPUT
D8 SHDN
D6
3
VCC
_
B
D7
5
VCC
_
B
S4
S5
S6
VBVCC
1
0
0
CLOSED
OPEN
OPEN
0V
1
0
1
OPEN
CLOSED
OPEN
3.3V
1
1
0
OPEN
OPEN
CLOSED
5V
1
1
1
CLOSED
OPEN
OPEN
0V
0
×
×
OPEN
OPEN
OPEN
Hi-Z
*Output depends on AVCC
**Output depends on BVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com