Electronic Components Datasheet Search
  English  ▼

X  

G571SZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G571SZ
Description  Single-Slot PCMCIA/CardBus Power Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G571SZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G571SZ Datasheet HTML 1Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 2Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 3Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 4Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 5Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 6Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 7Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 8Page - List of Unclassifed Manufacturers G571SZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver 1.1
Jan 08, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G571
Global Mixed-mode Technology Inc.
Typical PC-card Power-distribution application
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
3.3V
3,4
I
3.3V VCC input for card power and/or chip power if 5V is not present
5V
5,6
I
5V VCC input for card power and/or chip power
12V
9
I
12V VPP input card power
AVCC
11,12,13
O
Switched output that delivers 0V,3.3V,5V, or high impedance to card
AVPP
10
O
Switched output that delivers 0V,3.3V,5V,12V or high impedance to card
GND
7
Ground
OC
8
O
Logic-level overcurrent reporting output that goes low when an overcurrent condition exists
SHDN
16
I
Logic input that shuts down the G571 and sets all power outputs to high-impedance state
0
VCCD
1
I
Logic input that controls voltage of AVCC(see control-logic table)
1
VCCD
2
I
Logic input that controls voltage of AVCC(see control-logic table)
VPPD0
15
I
Logic input that controls voltage of AVPP(see control-logic table)
VPPD1
14
I
Logic input that controls voltage of AVPP(see control-logic table)
0.1µF
AVCC
AVCC
AVCC
AVPP
OC
To CPU
V
CC1
V
CC2
PC Card
Connector
V
PP1
V
PP2
VCC_EN0
PCMCIA
Controller
CS
5V
3.3V
1µF
0.1µF
1µF
0.1µF
12V
5V
5V
3.3V
3.3V
GND
0.1µF
12V
VCC_EN1
VPP_EN0
VPP_EN1
VCCD0
VCCD1
VPPD1
VPPD0
SHDN
Shutdown Signal From CPU
G571



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com