Electronic Components Datasheet Search
  English  ▼

X  

CA69 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CA69
Description  169 MHz VHF Ceramic Chip Monopole Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CA69 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CA69 Datasheet HTML 1Page - Taoglas antenna solutions CA69 Datasheet HTML 2Page - Taoglas antenna solutions CA69 Datasheet HTML 3Page - Taoglas antenna solutions CA69 Datasheet HTML 4Page - Taoglas antenna solutions CA69 Datasheet HTML 5Page - Taoglas antenna solutions CA69 Datasheet HTML 6Page - Taoglas antenna solutions CA69 Datasheet HTML 7Page - Taoglas antenna solutions CA69 Datasheet HTML 8Page - Taoglas antenna solutions CA69 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SPE-13-8-077/A/WY
Page 2 of 16
1.Introduction
The CA.69 Ceramic Chip antenna from Taoglas 169 MHz is specifically designed for
VHF 169MHz band applications. It is a high efficiency miniature SMD edge mounted
antenna with small footprint requirement. This chip antenna uses the main PCB as its
ground plane, thereby increasing antenna efficiency. It is tuned for different PCB sizes
by simply changing the value of the matching circuit. CA.69 antenna electrical
properties are symmetrical therefore the antenna can be soldered to the board from
either side.
This antenna is delivered on tape and reel. Small low frequency antennas such as
CA.69 need to be carefully tuned and integrated into devices to perform optimally
given the narrow band tuning required, so contact your regional Taoglas sales office
for support on gerber review of your layout, advice on ground-plane layout and
transmission line design. Taoglas also recommends we test your final device prototype
with CA.69 on board and provide final matching values.
Taoglas has tested the CA.69 mounted in realistic conditions in metal or semi metal
meter housings with the latest high power modules from Telit and achieved read
ranges of more than one hundred metres.
Applications
VHF Band Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com