Electronic Components Datasheet Search
  English  ▼

X  

CSB01A001 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # CSB01A001
Description  Cellular Booster 850/1900 MHz 2x SMA(F) Connectors and DC Power Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CSB01A001 Datasheet(HTML) 8 Page - Taoglas antenna solutions

  CSB01A001 Datasheet HTML 1Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 2Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 3Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 4Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 5Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 6Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 7Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPE-15-8-004/C/JC
Page 8 of 8
FCC ID: XS7-WRE2710
IC ID: 8918A-WRE2710
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) this
device may not cause harmful interference, and (2) this device must accept any interference received, including
interference that may cause undesired operation.
The term “IC:” before the radio certification number only signifies that Industry of Canada technical specifications
were met. The Manufacturer's rated output power of this equipment is for single carrier operation. For situations
when multiple carrier signals are present, the rating would have to be reduced by 3.5 dB, especially where the
output signal is re-radiated and can cause interference to adjacent band users. This power reduction is to be by
means of input power or gain reduction and not by an attenuator at the output of the device.
La puissance de sortie nominale indiquée par le fabricant pour cet appareil concerne son fonctionnement avec
porteuse unique. Pour des appareils avec porteuses multiples, on doit réduire la valeur nominale de 3,5 dB,
surtout si le signal de sortie est retransmis et qu'il peut causer du brouillage aux utilisateurs de bandes
adjacentes. Une telle réduction doit porter sur la puissance d'entrée ou sur le gain, et ne doit pas se faire au
moyen d'un atténuateur raccordé à la sortie du dispositif.
FCC Regulatory Guidance: The Taoglas CSB.01.A.001 operates under the rules and regulations as provided by
the Federal Communications Commission (FCC). For more information on these rules and regulations, please
contact the FCC directly at (888)-225-5322.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com