Electronic Components Datasheet Search
  English  ▼

X  

FXR06A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXR06A
Description  Square Flexible Near-Field Communications Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR06A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXR06A Datasheet HTML 1Page - Taoglas antenna solutions FXR06A Datasheet HTML 2Page - Taoglas antenna solutions FXR06A Datasheet HTML 3Page - Taoglas antenna solutions FXR06A Datasheet HTML 4Page - Taoglas antenna solutions FXR06A Datasheet HTML 5Page - Taoglas antenna solutions FXR06A Datasheet HTML 6Page - Taoglas antenna solutions FXR06A Datasheet HTML 7Page - Taoglas antenna solutions FXR06A Datasheet HTML 8Page - Taoglas antenna solutions FXR06A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DSP-12-8-012/A/PK
SPE-14-8-110/D/CMPage3of10
2. Specifications
Flexible PCB Near-Field Communications Antenna
Frequency
13.56
MHz
Inductance@ 13.56 MHz
5.2
µH
Mechanical
Antenna Dimensions
Dimensions: 47 mm x 47 mm; Thickness: 0.24 mm
RoHS Compliant
Yes
Adhesive
3M 467
Weight
813.2mg
Environmental
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
Contact pads are gold plated copper. Base material is polyimide which can take heat
from soldering for brief periods suitable for attaching wires. Additional wire length
will affect read range and result in different performance than that detailed in this
document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com