Electronic Components Datasheet Search
  English  ▼

X  

SS32C Datasheet(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # SS32C
Description  SMC Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SS32C Datasheet(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  SS32C Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SS32C Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SS32C Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SS32C Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Rectifier
Limiting Values (Absolute Maximum Rating)
Electrical Characteristics (T =25℃ Unless otherwise specified)
SS32 THRU SS320
Item
Symbol Unit
Test Conditions
SS3
2
3
4
5
6
8
10
15
20
Repetitive Peak Reverse Voltage
VRRM
V
20
30
40
50
60
80
100
150
200
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL(Fig.1)
3.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
100
Junction
Temperature
TJ
℃
-55~+125
-55~+150
Storage Temperature
TSTG
℃
-55 ~ +150
a
Item
Symbol Unit
Test Condition
SS3
Peak Forward Voltage
V
F
V
I
F =3.0A
0.55
0.7
0.85
0.95
Peak Reverse Current
I
RRM1
mA
VRM=VRRM
Ta =25℃
0.5
0.1
I
RRM2
Ta =100℃
10
5.0
Thermal
Resistance(Typical)
RθJ-A
/
℃
W
Between junction and ambient
55
1)
RθJ-L
Between junction and terminal
17
1)
Notes:
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper
pad areas
2
3
4
5
6
8
10
15
20
V
14
21
28
35
42
56
70
105
140
Maximum RMS
VRMS
Voltage
SMC Plastic-Encapsulate Diodes
HD CK 55
SMC
●Io
3A
●VRRM
20V-200V
●High surge current capability
Applications
●Rectifier
●
: From 2 To 20
X
Marking
Polarity: Color band denotes cathode
●
SS3X
Features
1
H
igh Diode Semiconductor


Similar Part No. - SS32C

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SS32C SEMTECH_ELEC-SS32C Datasheet
228Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
logo
Microdiode Semiconducto...
SS32C CHENDA-SS32C Datasheet
75Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS32C CHENDA-SS32C Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS32C

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
MURS320-SMC HDSEMI-MURS320-SMC Datasheet
1,016Kb / 4P
SMC Plastic-Encapsulate Diodes
US3AC HDSEMI-US3AC Datasheet
1,008Kb / 4P
SMC Plastic-Encapsulate Diodes
ES5AC HDSEMI-ES5AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
SMCJ HDSEMI-SMCJ Datasheet
1Mb / 7P
SMC Plastic-Encapsulate Diodes
GS3AC HDSEMI-GS3AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
SMC Plastic-Encapsulate Diodes
RS5AC HDSEMI-RS5AC Datasheet
1,023Kb / 4P
SMC Plastic-Encapsulate Diodes
S3AC HDSEMI-S3AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS420 DGNJDZ-MURS420 Datasheet
2Mb / 4P
SMC Plastic-Encapsulate Diodes
MURS320 DGNJDZ-MURS320_V01 Datasheet
2Mb / 4P
SMC Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com