Electronic Components Datasheet Search
  English  ▼

X  

HD29027 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HD29027
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29027 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HD29027 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 9Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 10Page - List of Unclassifed Manufacturers HD29027 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Output Timing Characteristics (Ta = 25 C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Output wave cross point
V
X
30
50
70
%
C
L = 250 pF
30
50
70
C
L = 500 pF
30
50
70
C
L = 1000 pF
Output Timing Characteristics Test Method (HD29027/28)
CL
V
1A
CC
1Y
2A
CL
2Y
Pulse
generator
10 ns
10%
10%
1.5 V
90%
90%
0 V
3 V
2A or 1A
1A or 2A
V
OH
VOL
1Y or 2Y
2Y or 1Y
10%
10%
1.5 V
90%
90%
10 ns
70%
V X
30%
30%
70%
70%
V X
30%
30%
70%
Note: Input waveform: f = 1 MHz, duty cycle = 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com