Electronic Components Datasheet Search
  English  ▼

X  

HD29029 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HD29029
Description  Dual CCD Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29029 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HD29029 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HD29029
Dual CCD Drivers
The HD29029 is optimum for CCD drive and has
two drivers in a package. The input circuit is
operated at TTL level. The outputs are capable of
source or sink currents of 0.5 A.
Function Table
Pin Arrangement
(Top View)
2
1A
3
4
2A
1
GND
NC
71Y
6
VCC
2Y
8NC
5
Features
• High-speed operation 7 ns typ in transition
times (tTLH, tTHL) at CL = 200 pF
• No external components needed because
direct drive is available at TTL level inputs
• Output swing voltage : 12 V
Sink / Sourse currents : 0.5 A (for each)
• Output cross voltage : 50 % typ.
Input A
Output Y
L
H
H
L
H
L
:
:
High level
Low level


Similar Part No. - HD29029

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
Dual CCD Drivers
HD29029FPEL RENESAS-HD29029FPEL Datasheet
87Kb / 7P
Dual CCD Drivers
More results

Similar Description - HD29029

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
logo
List of Unclassifed Man...
HD29026A ETC-HD29026A Datasheet
47Kb / 12P
Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
CCD Clock Drivers
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
Dual CCD Drivers
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
Dual CCD Drivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com