Electronic Components Datasheet Search
  English  ▼

X  

LM150 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM150
Description  3-Amp Adjustable Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM150 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM150 Datasheet HTML 9Page - Texas Instruments LM150 Datasheet HTML 10Page - Texas Instruments LM150 Datasheet HTML 11Page - Texas Instruments LM150 Datasheet HTML 12Page - Texas Instruments LM150 Datasheet HTML 13Page - Texas Instruments LM150 Datasheet HTML 14Page - Texas Instruments LM150 Datasheet HTML 15Page - Texas Instruments LM150 Datasheet HTML 16Page - Texas Instruments LM150 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM150, LM350-N, LM350A
www.ti.com
SNVS772B – MAY 1998 – REVISED MARCH 2013
Figure 31. Adjustable Current Regulator
Figure 32. Precision Current Limiter
*Minimum output current
≈ 4 mA
Figure 33. 1.2V–20V Regulator with Minimum
Figure 34. 3A Current Regulator
Program Current
Figure 35. Tracking Preregulator
†Minimum load—10 mA
*All outputs within ±100 mV
Figure 36. Adjusting Multiple On-Card Regulators with Single Control*
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM150 LM350-N LM350A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com