Electronic Components Datasheet Search
  English  ▼

X  

LF442AMH Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LF442AMH
Description  Dual Low Power JFET Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF442AMH Datasheet(HTML) 5 Page - Texas Instruments

  LF442AMH Datasheet HTML 1Page - Texas Instruments LF442AMH Datasheet HTML 2Page - Texas Instruments LF442AMH Datasheet HTML 3Page - Texas Instruments LF442AMH Datasheet HTML 4Page - Texas Instruments LF442AMH Datasheet HTML 5Page - Texas Instruments LF442AMH Datasheet HTML 6Page - Texas Instruments LF442AMH Datasheet HTML 7Page - Texas Instruments LF442AMH Datasheet HTML 8Page - Texas Instruments LF442AMH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
LM442-MIL
www.ti.com
SNOSD59 – JUNE 2017
Product Folder Links: LM442-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Unless otherwise specified, the specifications apply over the full temperature range of VS = ±15 V for the LF442-MIL. VOS, IB, and IOS
are measured at VCM = 0.
(2)
Refer to RETS442X for LF442-MIL MH military specifications.
(3)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
TJ. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. TJ = TA + θJAPD where θJA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
(4)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice from ±15 V to ±5 V for the LF442-MIL.
6.5 DC Electrical Characteristics
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input offset voltage
RS = 10 kΩ, TA = 25°C
1
5
mV
Over temperature
7.5
mV
ΔVOS/ΔT
Average TC of input offset
voltage
RS = 10 kΩ
7
μV/°C
IOS
Input offset voltage
VS = ±15 V
(1) (3)
TJ = 25°C
5
50
pA
TJ = 70°C
1.5
nA
TJ = 125°C
nA
IB
Input bias current
VS = ±15 V
(1) (3)
TJ = 25°C
10
100
pA
TJ = 70°C
3
nA
TJ = 125°C
nA
RIN
Input resistance
TJ = 25°C
1012
Ω
AVOL
Large signal voltage gain
VS = ±15 V, VO = ±10 V,
RL = 10 kΩ, TA = 25°C
25
200
V/mV
Over temperature
15
200
V/mV
VO
Output voltage swing
VS = ±15 V, RL = 10 kΩ
±12
±13
V
VCM
Input common-mode
voltage range
±11
14
V
−12
V
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
70
95
dB
PSRR
Supply voltage rejection ratio
See(4)
70
90
dB
IS
Supply current
400
500
μA
(1)
Unless otherwise specified, the specifications apply over the full temperature range and for VS = ±15 V for the LF442-MIL. VOS, IB, and
IOS are measured at VCM = 0.
(2)
Refer to RETS442X for LF442-MIL MH military specifications.
6.6 AC Electrical Characteristics
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Amplifier to amplifier coupling
TA = 25°C, f = 1 Hz-20 kHz (Input referred)
−120
dB
SR
Slew rate
VS = ±15 V, TA = 25°C
0.6
1
V/μs
GBW
Gain-bandwidth product
VS = ±15 V, TA = 25°C
0.6
1
MHz
en
Equivalent input noise voltage
TA = 25°C, RS = 100 Ω, f = 1 kHz
35
nV/
√Hz
in
Equivalent input noise current
TA = 25°C, f = 1 kHz
0.01
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com