Electronic Components Datasheet Search
  English  ▼

X  

HM15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM15
Description  Encapsulated Low Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM15 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM15 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-59
Model HM15 Series
FEATURES AND BENEFITS
• Standard Inductance values
• Standard vertical & low profile packages
• Encapsulated for product integrity
• Custom designs available
APPLICATIONS
• Switch mode power supplies
• Differential EMI filters
• Output energy storage inductors in buck and boost type converters
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-25°C to +105°C
Temperature Rise, Maximum
40°C
MODEL HM15 SERIES
Encapsulated
Low Power Inductors
Specifications subject to change without notice.
SCHEMATIC (FIGURE 1 & 2)
(1)
(2)


Similar Part No. - HM15

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM15 BITECH-HM15 Datasheet
318Kb / 1P
Encapsulated Low Power Inductors
logo
TT Electronics.
HM15 TTELEC-HM15 Datasheet
705Kb / 1P
Encapsulated Low Power Inductors
logo
Bi technologies
HM15-10150LF BITECH-HM15-10150LF Datasheet
318Kb / 1P
Encapsulated Low Power Inductors
HM15-10150LF BITECH-HM15-10150LF Datasheet
493Kb / 1P
Encapsulated Low Power Inductors
logo
TT Electronics.
HM15-10150LF TTELEC-HM15-10150LF Datasheet
705Kb / 1P
Encapsulated Low Power Inductors
More results

Similar Description - HM15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
LOW PROFILE ENCAPSULATED TRANSFORMER
logo
Bi technologies
HM15 BITECH-HM15 Datasheet
318Kb / 1P
Encapsulated Low Power Inductors
logo
TALEMA Group. LLC
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
Low Cost Power Inductors
logo
Rhombus Industries Inc.
L-11500 RHOMBUS-IND-L-11500 Datasheet
26Kb / 1P
Low Power Inductors
L-41000 RHOMBUS-IND-L-41000 Datasheet
33Kb / 1P
Miniature Encapsulated Inductors
L-365 RHOMBUS-IND-L-365 Datasheet
21Kb / 1P
Low Power Inductors
07/02/98
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Bi technologies
HM15 BITECH-HM15_15 Datasheet
493Kb / 1P
Encapsulated Low Power Inductors
logo
TT Electronics.
HM15 TTELEC-HM15 Datasheet
705Kb / 1P
Encapsulated Low Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com