Electronic Components Datasheet Search
  English  ▼

X  

HT49R30 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49R30
Description  8-Bit LCD Type MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R30 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49R30 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R30 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
HT49R30A-1/HT49C30-1/HT49C30L
Rev. 1.10
13
September 25, 2002
It is recommended that a program not use the
²CALL
subroutine
² within the interrupt subroutine. It¢s because
interrupts often occur in an unpredictable manner or re-
quire to be serviced immediately in some applications.
At this time, if only one stack is left, and enabling the in-
terrupt is not well controlled, operation of the
²call² in the
interrupt subroutine may damage the original control se-
quence.
Oscillator configuration
The device provides three oscillator circuits for system
clocks, i.e., RC oscillator, crystal oscillator and 32768Hz
crystal oscillator, determined by options. No matter what
type of oscillator is selected, the signal is used for the
system clock. The HALT mode stops the system oscilla-
tor (RC and crystal oscillator only) and ignores external
signal to conserve power. The 32768Hz crystal oscilla-
tor (system oscillator) still runs at HALT mode. If the
32768Hz crystal oscillator is selected as the system os-
cillator, the system oscillator is not stopped; but the in-
struction execution is stopped. Since the
(used as
system oscillator or oscillator) is also designed for tim-
ing purposes, the internal timing (RTC, time base, WDT)
operation still runs even if the system enters the HALT
mode.
Of the three oscillators, if the RC oscillator is used, an
external resistor between OSC1 and VSS is required,
and the range of the resistance should be from 24k
W to
1M
W for HT49R30A-1/HT49C30-1 and from 560kW to
1M
W for HT49C30L. The system clock, divided by 4, is
available on OSC2 with pull-high resistor, which can be
used to synchronize external logic. The RC oscillator
provides the most cost effective solution. However, the
frequency of the oscillation may vary with VDD, temper-
ature, and the chip itself due to process variations. It is
therefore, not suitable for timing sensitive operations
where accurate oscillator frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator, and
no other external components are required. A resonator
may be connected between OSC1 and OSC2 to replace
the crystal and to get a frequency reference, but two ex-
ternal capacitors in OSC1 and OSC2 are required.
There is another oscillator circuit designed for the real
time clock. In this case, only the 32.768kHz crystal oscil-
lator can be applied. The crystal should be connected
between OSC3 and OSC4.
The RTC oscillator circuit can be controlled to oscillate
quickly by setting the
²QOSC² bit (bit 4 of RTCC). It is
recommended to turn on the quick oscillating function
upon power on, and then turn it off after 2 seconds.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Although
the system enters the power down mode, the system
clock stops, and the WDT oscillator still works with a pe-
riod of approximately 78
ms. The WDT oscillator can be
disabled by options to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or an instruction clock
(system clock/4) or a real time clock oscillator (RTC os-
cillator). The timer is designed to prevent a software
malfunction or sequence from jumping to an unknown
location with unpredictable results. The WDT can be
disabled by options. But if the WDT is disabled, all exe-
cutions related to the WDT lead to no operation.
The WDT time-out period is fS/2
15 ~f
S/2
16.
If the WDT clock source chooses the internal WDT oscil-
lator, the time-out period may vary with temperature,
VDD, and process variations. On the other hand, if the
clock source selects the instruction clock and the
²HALT² instruction is executed, WDT may stop counting
and lose its protecting purpose, and the logic can only
be restarted by an external logic.
When the device operates in a noisy environment, using
the on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT can stop the system clock.
The WDT overflow under normal operation initializes a
²chip reset² and sets the status bit ²TO². In the HALT
mode, the overflow initializes a
²warm reset², and only
the PC and SP are reset to zero. To clear the contents of
the WDT, there are three methods to be adopted, i.e.,
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 1
O S C 2
f S Y S / 4
O S C 2
V D D
3 2 7 6 8 H z C r y s t a l /
R T C O s c i l l a t o r
V D D
4 7 0 p .
O S C 3
O S C 4
System oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com