Electronic Components Datasheet Search
  English  ▼

X  

ICL8212MTY Datasheet(PDF) 13 Page - Harris Corporation

Part # ICL8212MTY
Description  Programmable Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICL8212MTY Datasheet(HTML) 13 Page - Harris Corporation

Back Button ICL8212MTY Datasheet HTML 6Page - Harris Corporation ICL8212MTY Datasheet HTML 7Page - Harris Corporation ICL8212MTY Datasheet HTML 8Page - Harris Corporation ICL8212MTY Datasheet HTML 9Page - Harris Corporation ICL8212MTY Datasheet HTML 10Page - Harris Corporation ICL8212MTY Datasheet HTML 11Page - Harris Corporation ICL8212MTY Datasheet HTML 12Page - Harris Corporation ICL8212MTY Datasheet HTML 13Page - Harris Corporation ICL8212MTY Datasheet HTML 14Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
7-173
ICL8211, ICL8212
Since there is no internal compensation in the ICL8212 it is
necessary to use a large capacitor across the output to
prevent oscillation.
Zener voltages from 2V to 30V may be programmed and typ-
ical impedance values between 300
µA and 25µA will range
from 4
Ω to 7Ω. The knee is sharper and occurs at a signifi-
cantly lower current than other similar devices available.
FIGURE 32. CONSTANT CURRENT SOURCE APPLICATIONS
FIGURE 33. PROGRAMMABLE ZENER VOLTAGE REFERENCE
Precision Voltage Regulator (Figure 34)
The ICL8212 may be used as the controller for a highly sta-
ble series voltage regulator. The output voltage is simply pro-
grammed, using a resistor divider network R1 and R2. Two
capacitors C1 and C2 are required to ensure stability since
the ICL8212 is uncompensated internally.
FIGURE 34. PRECISION VOLTAGE REGULATOR
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
I
=
OR
V+
I
I = 25
µA (ICL8212)
I = 130
µA (ICL8211)
ICL
8212
VTH
OUT
V+
IS
V+
500K
150K
R2
R1
+
– 5µF
6
5
4
3
2
1
0
0.01
0.1
1.0
10
100
SUPPLY CURRENT (mA)
1
2
3
4
8
7
6
5
V+
R3
V+
R1
R2
C2
UNREG-
ULATED
DC SUPPLY
ICL8212
Q1
C1
VOUT =
R2 + R1
R1
x 1.15V
This regulator may be used with lower input voltages than
most other commercially available regulators and also con-
sumes less power for a given output control current than any
commercial regulator. Applications would therefore include
battery operated equipment especially those operating at
low voltages.
High Supply Voltage Dump Circuit (Figure 35)
In many circuit applications it is desirable to remove the
power supply in the case of high voltage overload. For
circuits consuming less than 5mA this may be achieved
using an ICL8211 driving the load directly. For higher load
currents it is necessary to use an external pnp transistor or
darlington pair driven by the output of the ICL8211.
Resistors R1 and R2 set up the disconnect voltage and R3
provides optional voltage hysteresis if so desired.
FIGURE 35. HIGH VOLTAGE DUMP CIRCUITS
Frequency Limit Detector (Figure 36)
Simple frequency limit detectors providing a GO/NO-GO out-
put for use with varying amplitude input signals may be con-
veniently implemented with the ICL8211/8212. In the
application shown, the first ICL8212 is used as a zero cross-
ing detector. The output circuit consisting of R3, R4 and C2
results in a slow output positive ramp. The negative range is
much faster than the positive range. R5 and R6 provide hys-
teresis so that under all circumstances the second ICL8212
is turned on for sufficient time to discharge C3. The time con-
stant of R7 C3 Is much greater than R4 C2. Depending upon
the desired output polarities for low and high input frequen-
cies, either an ICL8211 or an ICL8212 may be used as the
output driver.
This circuit is sensitive to supply voltage variations and
should be used with a stabilized power supply. At very low
frequencies the output will switch at the input frequency.
Switch Bounce Filter (Figure 37)
Single pole single throw (SPST) switches are less costly and
more available than single pole double throw (SPDT) switches.
1
2
3
4
8
7
6
5
R1
R2
R3
ICL8211
V-
V+
(a)
1
2
3
4
8
7
6
5
R1
R2
R3
ICL8211
V-
V+
CIRCUIT
BEING
PROTECTED
V-
V+
(b)
R4
CIRCUIT
BEING
PROTECTED
V-
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com