Electronic Components Datasheet Search
  English  ▼

X  

ICS950812 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950812 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS950812 Datasheet HTML 11Page - Integrated Circuit Systems ICS950812 Datasheet HTML 12Page - Integrated Circuit Systems ICS950812 Datasheet HTML 13Page - Integrated Circuit Systems ICS950812 Datasheet HTML 14Page - Integrated Circuit Systems ICS950812 Datasheet HTML 15Page - Integrated Circuit Systems ICS950812 Datasheet HTML 16Page - Integrated Circuit Systems ICS950812 Datasheet HTML 17Page - Integrated Circuit Systems ICS950812 Datasheet HTML 18Page - Integrated Circuit Systems ICS950812 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
ICS950812
0542G—08/21/03
Electrical Characteristics- 3V66 - Buffered Mode: 3V66 [1:0] 66MHz_OUT [2:0]
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
65
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.05
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.65
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-28
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
26
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
0.5
1.6
2.3
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
0.5
1
2.3
ns
Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
52
55
%
Skew
tsk1
1
VT = 1.5 V
3V66 [1:0]
10
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66 [1:0] (Additive) (Fig. 8)
83
120
ps
Skew
tsk1
1
VT = 1.5 V 66MHz_OUT [2:0]
169
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5V 66MHz_OUT [2:0]
(Fig. 8)
83
290
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK Un-Buffered Mode
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
65
Ω
Average Period
TPERIOD
Fig. 8
30.00
30.01
ns
Output High Voltage
VOH
1
IOH = -1 mA
2.05
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.65
V
Output High Current
IOH
1
VOH@MIN = 1.0V, VOH@MAX = 3.135V
-33
-28
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
26
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
0.5
1.4
2.3
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
0.5
1.2
2.3
ns
Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
50
55
%
Skew
tsk1
1
VT = 1.5 V
65
500
ps
Jitter,cycle to cyc
tjcyc-cyc
1
VT = 1.5 V (Fig. 8)
101
290
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com