Electronic Components Datasheet Search
  English  ▼

X  

ICS950812YGLFT Datasheet(PDF) 23 Page - Integrated Circuit Systems

Part # ICS950812YGLFT
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950812YGLFT Datasheet(HTML) 23 Page - Integrated Circuit Systems

Back Button ICS950812YGLFT Datasheet HTML 19Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 20Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 21Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 22Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 23Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 24Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 25Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 26Page - Integrated Circuit Systems ICS950812YGLFT Datasheet HTML 27Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
ICS950812
0542G—08/21/03
All 3V66 clocks are to be in phase with each other. All 66MHz_OUT clocks are to be in phase with each other. There is
NO phase relationship between the 3V66 clocks and the 66MHz_OUT and PCI clocks. In the case where 3V66_1 is
configured as 48MHz VCH clock, there is no defined phase relationship between 3V66_1_VCH and other 3V66 clocks.
The PCI group should lag 3V66 by the standard skew described below as Tpci.
The 66MHz_IN to 66MHz_OUT delay is shown in the figure below and is specified to be within a min and max propagation
value.
Buffered Mode - 3V66[0:1], 66MHz_IN, 66MHz_OUT[0:2] and PCI Phase Relationship
Group to Group Skews at Common Transition Edges: Buffered Mode
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
66MHz_IN 66MHz_OUT
1,2
Tpd
Propogation delay from
66MHz_IN to 66MHz_OUT (2:0)
2.5
2.9
4.5
ns
66MHz_OUT to PCI
1,2
Tpci
66MHz_OUT (2:0) leads 33 MHz
PCICLK
1.5
3.5
ns
1Guaranteed by design, not 100% tested in production.
2500ps Tolerance
E_PCICLK to PCICLK Skews
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TE_PCI-PCI1
E_PCICLK1 (pin 11)=0
E_PCICLK3 (pin 13)=1
0.3
0.5
0.7
ns
TE_PCI-PCI2
E_PCICLK1 (pin 11)=1
E_PCICLK3 (pin 13)=0
0.8
1.0
1.2
ns
TE_PCI-PCI3
E_PCICLK1 (pin 11)=1
E_PCICLK3 (pin 13)=1
1.3
1.5
1.7
ns
1Guaranteed by design, not 100% tested in production.
E_PCICLK to PCICLK
1
66MHz_IN
66MHz_OUT
3V66
Tpd
Tpci
No Relationship
E_PCICLK (3,1)
Tepci
PCICLK_F (2:0) PCICLK (6:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com