Electronic Components Datasheet Search
  English  ▼

X  

CAB058 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CAB058
Description  TAOGLAS Semi-Rigid Cable Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB058 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CAB058 Datasheet HTML 1Page - Taoglas antenna solutions CAB058 Datasheet HTML 2Page - Taoglas antenna solutions CAB058 Datasheet HTML 3Page - Taoglas antenna solutions CAB058 Datasheet HTML 4Page - Taoglas antenna solutions CAB058 Datasheet HTML 5Page - Taoglas antenna solutions CAB058 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPE-15-8-019/A/JC Page 2 of 6
1.
Introduction
The Taoglas CAB.058 is a 0.047” semi-rigid coax pigtail with SMA connector that is ideal for RF
circuit debug and design verification. The pigtail is 50mm long and comes stripped and tinned
to expose a short length of the inner conductor, thus removing the need to make your own.
The CAB.058 acts as a 50 ohm transmission line to connect your test equipment to your
printed circuit board and has a SMA female connector making it the proper mate for most coax
cables used in design labs, eliminating the need for additional adapters. Semi-rigid coax also
has the best attenuation of all micro-coax types.
In order to make a proper connection to the PCB without causing an impedance mismatch, the
cable jacket needs to be soldered to the PCB ground and the inner conductor gets soldered to
the RF transmission line. The CAB.058 has a smooth, semi-rigid, metallic jacket that makes it
very easy to solder the jacket to the PCB ground.
The thinner 0.047” cable diameter makes it easier to solder onto densely populated circuit
boards. The semi-rigid nature of the cable also allows you to easily bend the pigtail to your
convenience, yet holds its position to prevent toppling over and shorting nearby components.
Taoglas provides customized length and connector variants subject to MOQ. Contact your
regional Taoglas office for details.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com