Electronic Components Datasheet Search
  English  ▼

X  

ICS954201YGLNT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS954201YGLNT
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954201YGLNT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS954201YGLNT Datasheet HTML 1Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS954201
0819G—12/06/04
Pin Configuration
Recommended Application:
CK410M clock, Intel Yellow Cover part
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
7 - 0.7V current-mode differential SRC pair for SATA and
PCI-E
•
1 - 0.7V current-mode differential CPU/SRC selectable
pair
•
4 - PCI (33MHz)
•
2 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - DOT, 96MHz, 0.7V current differential pair
•
1 - REF, 14.318MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC outputs cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 500ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
•
+/- 100ppm frequency accuracy on USB clocks
Programmable Timing Control Hub™ for Mobile P4™ Systems
Functionality
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA and
PCI-Express
•
Supports spread spectrum modulation, 0 to -0.5%
down spread
•
Supports CPU clocks up to 400MHz
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Supports undriven differential CPU, SRC pair in PD#
for power management.
56-pin SSOP & TSSOP
VDDPCI 1
56 PCICLK2
GND 2
55 PCI/SRC_STOP#
PCICLK3 3
54 CPU_STOP#
PCICLK4 4
53 FS_C/TEST_SEL
PCICLK5 5
52 REFOUT
GND 6
51 GND
VDDPCI 7
50 X1
ITP_EN/PCICLK_F0 8
49 X2
PCICLK_F1 9
48 VDDREF
Vtt_PwrGd#/PD 10
47 SDATA
VDD4811
46SCLK
USB_48MHz/FS_A 12
45 GND
GND 13
44 CPUCLKT0
DOTT_96MHz 14
43 CPUCLKC0
DOTC_96MHz 15
42 VDDCPU
FS_B/TEST_MODE 16
41 CPUCLKT1
SRCCLKT0 17
40 CPUCLKC1
SRCCLKC0 18
39 IREF
SRCCLKT1 19
38 GNDA
SRCCLKC1 20
37 VDDA
VDDSRC 21
36 CPUCLKT2_ITP/SRCCLKT7
SRCCLKT2 22
35 CPUCLKC2_ITP/SRCCLKC7
SRCCLKC2 23
34 VDDSRC
SRCCLKT3 24
33 SRCCLKT6
SRCCLKC3 25
32 SRCCLKC6
SRCCLKT4_SATA 26
31 SRCCLKT5
SRCCLKC4_SATA 27
30 SRCCLKC5
VDDSRC 28
29 GND
FS_C
1
FS_B
2 FS_A2
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
100.00
33.33 14.318
48.00
96.00
0
0
1
133.33
100.00
33.33 14.318
48.00
96.00
0
1
0
200.00
100.00
33.33 14.318
48.00
96.00
0
1
1
166.66
100.00
33.33 14.318
48.00
96.00
1
0
0
333.33
100.00
33.33 14.318
48.00
96.00
1
0
1
100.00
100.00
33.33 14.318
48.00
96.00
1
1
0
400.00
100.00
33.33 14.318
48.00
96.00
1
1
1
14.318
48.00
96.00
1. FS_C is a three-level input. Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS_B and FS_A are low-threshold inputs. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
RESERVED


Similar Part No. - ICS954201YGLNT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS954201 RENESAS-ICS954201 Datasheet
387Kb / 17P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
logo
Integrated Device Techn...
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
Programmable Timing Control Hub??for Mobile P4??Systems
More results

Similar Description - ICS954201YGLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS954101 ICST-ICS954101 Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
954204 RENESAS-954204 Datasheet
368Kb / 18P
Programmable Timing Control Hub™ for Mobile P4™ Systems
Mar 2020
954206B RENESAS-954206B Datasheet
497Kb / 22P
Programmable Timing Control Hub™ for Mobile P4™ Systems
FEBRUARY 22, 2016
ICS954201 RENESAS-ICS954201 Datasheet
387Kb / 17P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
ICS954309 RENESAS-ICS954309 Datasheet
419Kb / 19P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com