Electronic Components Datasheet Search
  English  ▼

X  

ICX414AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX414AL
Description  Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX414AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX414AL Datasheet HTML 1Page - Sony Corporation ICX414AL Datasheet HTML 2Page - Sony Corporation ICX414AL Datasheet HTML 3Page - Sony Corporation ICX414AL Datasheet HTML 4Page - Sony Corporation ICX414AL Datasheet HTML 5Page - Sony Corporation ICX414AL Datasheet HTML 6Page - Sony Corporation ICX414AL Datasheet HTML 7Page - Sony Corporation ICX414AL Datasheet HTML 8Page - Sony Corporation ICX414AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
– 5 –
ICX414AL
Clock Voltage Conditions
Readout clock voltage
Vertical transfer clock
voltage
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Item
VVT
VVH02
VVH1, VVH2, VVH3
VVL1, VVL2, VVL3
VVL1, VVL2, VVL3
V
φ1, Vφ2, Vφ3
| VVL1 – VVL3 |
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
VCR
V
φRG
VRGLH – VRGLL
VRGL – VRGLm
V
φSUB
Symbol
14.55
–0.05
–0.2
–7.8
–8.0
6.8
4.75
–0.05
0.8
4.5
21.5
Min.
15.0
0
0
–7.5
–7.5
7.5
5.0
0
2.5
5.0
22.5
Typ.
15.45
0.05
0.05
–7.2
–7.0
8.05
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.5
0.8
0.5
23.5
Max.
Unit
1
2
2
2
2
2
2
2
2
2
2
3
3
3
4
4
4
5
Waveform
Diagram
VVH = VVH02
VVL = (VVL1 + VVL3)/2
(During 24.54MHz)
VVL = (VVL1 + VVL3)/2
(During 12.27MHz)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Cross-point voltage
Low-level coupling
Low-level coupling
Remarks
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com