Electronic Components Datasheet Search
  English  ▼

X  

TLV07 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV07
Description  36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV07 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV07 Datasheet HTML 8Page - Texas Instruments TLV07 Datasheet HTML 9Page - Texas Instruments TLV07 Datasheet HTML 10Page - Texas Instruments TLV07 Datasheet HTML 11Page - Texas Instruments TLV07 Datasheet HTML 12Page - Texas Instruments TLV07 Datasheet HTML 13Page - Texas Instruments TLV07 Datasheet HTML 14Page - Texas Instruments TLV07 Datasheet HTML 15Page - Texas Instruments TLV07 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
10
100
1000
10000
0.1
1
10
100
1000
Capacitive Load (nF)
45°Phase Margin
60°Phase Margin
C002
12
TLV07
SBOS832 – JULY 2017
www.ti.com
Product Folder Links: TLV07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
ROC stability analysis is typically simulated. The validity of the analysis depends on multiple factors, especially
the accurate modeling of R O. In addition to simulating the ROC, a robust stability analysis includes a
measurement of overshoot percentage and ac gain peaking of the circuit using a function generator,
oscilloscope, and gain and phase analyzer. These measurements then calculate phase margin. Table 2 shows
the overshoot percentage and ac gain peaking that correspond to phase margins of 45° and 60°. For more
details on this design and other alternative devices that can be used in place of the TLV07, see Capacitive Load
Drive Solution Using an Isolation Resistor
Table 2. Phase Margin versus Overshoot and AC Gain
Peaking
PHASE
MARGIN
OVERSHOOT
AC GAIN PEAKING
45°
23.3%
2.35 dB
60°
8.8%
0.28 dB
8.2.3 Application Curve
The values of RISO that yield phase margins of 45° and 60° for various capacitive loads are determined using the
described methodology Figure 3 shows the results.
Figure 3. Isolation Resistor Required for Various Capacitive Loads to Achieve a Target Phase Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com