Electronic Components Datasheet Search
  English  ▼

X  

TLC2201ACD Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201ACD
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2201ACD Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC2201ACD Datasheet HTML 25Page - Texas Instruments TLC2201ACD Datasheet HTML 26Page - Texas Instruments TLC2201ACD Datasheet HTML 27Page - Texas Instruments TLC2201ACD Datasheet HTML 28Page - Texas Instruments TLC2201ACD Datasheet HTML 29Page - Texas Instruments TLC2201ACD Datasheet HTML 30Page - Texas Instruments TLC2201ACD Datasheet HTML 31Page - Texas Instruments TLC2201ACD Datasheet HTML 32Page - Texas Instruments TLC2201ACD Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS LOW NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2201M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2201AM
TLC2201BM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
80
200
80
200
V
VIO
Input offset voltage
Full range
400
400
µV
VIO
Temperature coefficient of
Full range
0.5
0.5
V/
°C
αVIO
Temperature coefficient of
input offset voltage
Full range
0.5
0.5
µV/°C
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.001
0.005
0.001
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
500
500
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
500
500
pA
Common-mode input
−5
−5
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
−5
to
−5
to
V
VICR
voltage range
RS = 50 Ω
Full range
to
2.7
to
2.7
V
VOM+
Maximum positive peak
25
°C
4.7
4.8
4.7
4.8
V
VOM+
Maximum positive peak
output voltage swing
RL = 10 kΩ
Full range
4.7
4.7
V
VOM −
Maximum negative peak
RL = 10 kΩ
25
°C
− 4.7
− 4.9
− 4.7
− 4.9
V
VOM −
Maximum negative peak
output voltage swing
Full range
− 4.7
− 4.7
V
VO = ± 4 V,
25
°C
400
560
400
560
AVD
Large-signal differential
VO = ± 4 V,
RL = 500 kΩ
Full range
200
200
V/mV
AVD
Large-signal differential
voltage amplification
VO = ± 4 V,
25
°C
90
100
90
100
V/mV
voltage amplification
VO = ± 4 V,
RL = 10 kΩ
Full range
45
45
CMRR
Common-mode rejection
VIC = VICRmin,
25
°C
90
115
90
115
dB
CMRR
Common-mode rejection
ratio
VO = 0,
RS = 50 Ω
Full range
85
85
dB
kSVR
Supply voltage rejection
VDD = ± 2.3 V to ± 8 V
25
°C
90
110
90
110
dB
kSVR
Supply voltage rejection
ratio (
∆VDD±/∆VIO)
VDD ± = ±2.3 V to ±8 V
Full range
85
85
dB
IDD
Supply current
VO = 0,
No load
25
°C
1.1
1.5
1.1
1.5
mA
IDD
Supply current
VO = 0,
No load
Full range
1.5
1.5
mA
† Full range is − 55°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observable through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com