Electronic Components Datasheet Search
  English  ▼

X  

IR2086S Datasheet(PDF) 2 Page - International Rectifier

Part # IR2086S
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2086S Datasheet(HTML) 2 Page - International Rectifier

  IR2086S Datasheet HTML 1Page - International Rectifier IR2086S Datasheet HTML 2Page - International Rectifier IR2086S Datasheet HTML 3Page - International Rectifier IR2086S Datasheet HTML 4Page - International Rectifier IR2086S Datasheet HTML 5Page - International Rectifier IR2086S Datasheet HTML 6Page - International Rectifier IR2086S Datasheet HTML 7Page - International Rectifier IR2086S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IR2086S
www.irf.com
Absolute Maximum Ratings
VBIAS (VCC, VBS) = 12V, CL = 1000 pF, and TA = 25°C unless otherwise specified.
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM. All currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
Note1: Care should be taken to avoid output switching conditions where the Vs node flies inductively below ground by
more than 5V.
Symbol
Definition
Min.
Max.
Units
VCC
Low side supply voltage
-0.3
25
VB1,2
High side floating supply voltage
-0.3
150
VS1,2
High side floating supply offset voltage
VB1,2 - 25
VB1,2 + 0.3
VHO1,2
High side floating output voltage
VB1,2 - 0.3
VB1,2 + 0.3
VLO1,2
Low side output voltage
-0.3
VCC + 0.3
VCT
CT pin voltage
-0.3
VCC + 0.3
VCS
Cs pin voltage
-0.3
VCC + 0.3
VDELAY
Delay pin voltage
-0.3
VCC + 0.3
dVS/dt
Allowable offset voltage slew rate
-50
+50
V/ns
ICC
Supply current
—
40
mA
PD
Package power dissipation
(16-lead SOIC)
—
1.0
W
RthJA
Thermal resistance, junction to ambient
(16-lead SOIC)
—
200
°C/W
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Vdc
°C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
VB1,2
High side floating supply voltage
9.5
15
VS1,2
Steady state high side floating supply offset voltage
-5
100
VCC
Supply voltage
9.5
15
ICC
Supply current
—
1
mA
RT
Timing resistor
10
100
Kohms
CT
Timing capacitor
47
1000
pF
fmax
Operating frequency (per channel)
—
500
KHz
Tj
Junction temperature
-40
125
°C
Vdc
Symbol
Definition
Min.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com