Electronic Components Datasheet Search
  English  ▼

X  

SE2302 Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SE2302
Description  Thyristor Surge Suppressors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SE2302 Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SE2302 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SE2302 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Thyristor Surge Suppressors
P0060~P3500SA_B_C Series
Packing Options
Part Numbering
Industry Standard
S
DO-214AA
Tape & Reel Pack
2500
N/A
EIA-481-D
Dimensions — DO-214AA
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
Pad Outline
H
K
E
F
G
A
C
B
D
Case
Temperature
Measurement
Point
inch
(millimeter)
Dimensions
Inches
Millimeters
MinMax
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
K
0.006
0.016
0.15
0.41
CONSTRUCTION VARIABLE
I
PP RATING
TYPE
P = LOGO
P
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 0S C
Part Marking
Pxxxx
Part Marking Code
(Refer to Electrical Characteristics Table)
0.472
(12.0) 0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0)
Arbor Hole Dia.
12.99
(330.0)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com