Electronic Components Datasheet Search
  English  ▼

X  

PJDLC12 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # PJDLC12
Description  5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

PJDLC12 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  PJDLC12 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. PJDLC12 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. PJDLC12 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PJDLC05~PJDLC24
2
1
C
L
D
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
w
R
2
1V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=3
.
3
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
w
R
,
V
5
=
5
2
=
T
OC
1
Α
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
A
1
=
t
p
0
2
/
8
=
µS
9
1A
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
A
5
=
t
p
0
2
/
8
=
µS
4
2V
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
PI
P
P
t
p
0
2
/
8
=
µS
2
1
A
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
JC
J
2
o
t
1
n
i
P
V
R
Z
H
M
1
=
f
,
V
0
=
5F
p
4
2
C
L
D
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
w
R
4
2V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
2V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
w
R
,
V
5
=
5
2
=
T
OC
1
Α
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
A
1
=
t
p
0
2
/
8
=
µS
3
4A
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
A
5
=
t
p
0
2
/
8
=
µS
5
5V
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
PI
P
P
t
p
0
2
/
8
=
µS
5
A
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
JC
J
2
o
t
1
n
i
P
V
R
Z
H
M
1
=
f
,
V
0
=
5F
p
5
1
C
L
D
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
w
R
4
2V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
2V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
w
R
,
V
5
=
5
2
=
T
OC
1
Α
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
A
1
=
t
p
0
2
/
8
=
µS
3
4A
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
A
5
=
t
p
0
2
/
8
=
µS
5
5V
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
PI
P
P
t
p
0
2
/
8
=
µS
5
A
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
JC
J
2
o
t
1
n
i
P
V
R
Z
H
M
1
=
f
,
V
0
=
5F
p
www.shunyegroup.com.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com