Electronic Components Datasheet Search
  English  ▼

X  

IRF7205 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7205
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7205 Datasheet(HTML) 1 Page - International Rectifier

  IRF7205 Datasheet HTML 1Page - International Rectifier IRF7205 Datasheet HTML 2Page - International Rectifier IRF7205 Datasheet HTML 3Page - International Rectifier IRF7205 Datasheet HTML 4Page - International Rectifier IRF7205 Datasheet HTML 5Page - International Rectifier IRF7205 Datasheet HTML 6Page - International Rectifier IRF7205 Datasheet HTML 7Page - International Rectifier IRF7205 Datasheet HTML 8Page - International Rectifier IRF7205 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1104B
l Adavanced Process Technology
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fourth Generation HEXFETs from International
Rectifier utilize advanced processing techniques to
achieve the lowest possible on-resistance per silicon
area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET
Power MOSFETs are well known for, provides the
designer with an extremely efficient device for use in
a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
dual-die capability making it ideal in a variety of power
applications.
With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7205
SO-8
VDSS = -30V
RDS(on) = 0.070Ω
ID = -4.6A
8/25/97
T o p View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
50
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
-4.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
-3.7
IDM
Pulsed Drain Current

-15
PD @TC = 25°C
Power Dissipation
2.5
Linear Derating Factor
0.020
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
‚
-3.0
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
Absolute Maximum Ratings
A
Thermal Resistance Ratings
W
°C


Similar Part No. - IRF7205

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
IRF7205 KEXIN-IRF7205 Datasheet
65Kb / 2P
HEXFET Power MOSFET
IRF7205 KEXIN-IRF7205 Datasheet
1Mb / 5P
P-Channel MOSFET
logo
International Rectifier
IRF7205PBF IRF-IRF7205PBF Datasheet
277Kb / 9P
HEXFET Power MOSFET
IRF7205PBF IRF-IRF7205PBF Datasheet
278Kb / 9P
Adavanced Process Technology
IRF7205PBF IRF-IRF7205PBF Datasheet
278Kb / 9P
ULTRA LOW ON RESISTANCE
More results

Similar Description - IRF7205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com